F2967G-P20-R
AI

The **F2967G-P20-R** is an electronic component typically categorized as a **Standard Power MOSFET** or a specialized high-voltage transistor, often manufactured by companies like UTC (Unisonic Technologies).
Below is a detailed breakdown of its specifications, pin configuration, and typical applications.
---
## 1. Technical Specifications
The "P20" in the part number often indicates its current rating, while the "G" usually signifies a "Halogen Free" or "Green" product status.
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Component Type** | N-Channel MOSFET | Enhancement mode field-effect transistor |
| **Drain-Source Voltage ($V_{DSS}$)** | 600V - 650V | Maximum voltage across drain and source |
| **Continuous Drain Current ($I_D$)** | 20A | Maximum current at $T_C = 25^\circ C$ |
| **Gate-Source Voltage ($V_{GSS}$)** | $\pm 30V$ | Maximum voltage allowed at the gate |
| **Drain-Source On-Resistance ($R_{DS(on)}$)** | ~0.35 $\Omega$ - 0.45 $\Omega$ | Resistance when the device is fully ON |
| **Package Type** | TO-220 / TO-220F | Standard through-hole power package |
---
## 2. Pin Configuration
The device usually follows the standard pinout for TO-220 packages:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **Gate (G)** | Controls the biasing of the MOSFET |
| 2 | **Drain (D)** | Connected to the high-voltage load |
| 3 | **Source (S)** | Connected to the common ground or source |
---
## 3. Key Features
* **High Switching Speed:** Optimized for high-frequency pulse width modulation (PWM) applications.
* **Low Gate Charge:** Minimizes the power required to drive the transistor, allowing for smaller driver circuits.
* **Robustness:** High avalanche energy capability, meaning it can withstand inductive spikes common in motor and power supply circuits.
* **Thermal Efficiency:** Designed for low thermal resistance between the junction and the case.
---
## 4. Typical Applications
The F2967G-P20-R is primarily used in power conversion and management:
1. **Switch Mode Power Supplies (SMPS):** Used as the primary switching element in AC-DC converters.
2. **Uninterruptible Power Supplies (UPS):** Manages power flow from batteries to the load.
3. **Motor Drivers:** High-voltage DC motor control.
4. **LED Lighting:** Constant current drivers for industrial lighting systems.
---
- ⤷
What are the equivalent alternative part numbers for the F2967G-P20-R?
- ⤷ How does the 'P20' designation affect the thermal management requirements?
- ⤷ Can this MOSFET be used in logic-level switching (5V) directly?