F2D1-2012A-R82MC
AI

The **F2D1-2012A-R82MC** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter circuits. It belongs to a category of "Molded Power Inductors," which are designed for high-current applications with minimal electromagnetic interference (EMI).
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DCR (DC Resistance)** | Approx. 14.5 mΩ (typical) |
| **Isat (Saturation Current)** | ~7.5A to 8.5A |
| **Irms (Rated Current)** | ~6.0A to 7.0A |
| **Package Size** | 2012 (Metric) / 0805 (Imperial) |
| **Construction** | Metal Alloy / Molded |
---
### 2. Breakdown of the Part Number
The alphanumeric code typically follows this nomenclature:
* **F2D1**: Series identifier (Manufacturer specific, usually indicating high-current molded type).
* **2012**: Physical dimensions ($2.0 \text{mm} \times 1.2 \text{mm}$).
* **A**: Design/Revision code.
* **R82**: Inductance value ($0.82 \text{ µH}$).
* **M**: Tolerance ($M = \pm 20\%$).
* **C**: Packaging/Finish code (often referring to Carrier Tape).
---
### 3. Key Electronic Characteristics
#### A. Magnetic Shielding
Because this is a **molded inductor**, the coil is embedded in a metallic powder composite. This provides "magnetic shielding," which prevents the magnetic field from interfering with neighboring components on the PCB.
#### B. Soft Saturation
Unlike ferrite core inductors that lose inductance sharply when current limits are exceeded, this metal alloy inductor features **soft saturation**. This means the inductance drops gradually, providing better stability in power supply spikes.
#### C. Low Profile
The "2012" footprint is extremely small, making it ideal for compact consumer electronics where board space is at a premium.
---
### 4. Common Applications
These parts are typically found in:
* **Voltage Regulator Modules (VRM):** Specifically for CPUs or GPUs.
* **Mobile Devices:** Smartphones and tablets for battery management.
* **DC-DC Converters:** Point-of-load (POL) converters.
* **IoT Devices:** Where high efficiency and small size are required.
- ⤷
What is the difference between soft saturation and hard saturation in inductors?
- ⤷ How does the DCR of this part affect its thermal performance?
- ⤷ Can this inductor be used in high-frequency switching regulators above 2MHz?