Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • F2PP-14R-R/Q

  • AI
    The **F2PP-14R-R/Q** is a high-performance, programmable logic controller (PLC) module typically associated with industrial automation systems (often within the Hitachi or related legacy compatible series). It is designed to interface between digital logic and physical machinery. --- ### 1. General Specifications The model name provides specific details about its input/output (I/O) configuration and electrical characteristics. | Feature | Specification | | :--- | :--- | | **I/O Points** | 14 Total (8 Inputs / 6 Outputs) | | **Output Type** | Relay (indicated by the **R**) | | **Series** | Micro-PLC / Compact Series | | **Mounting** | DIN Rail or Panel Mount | --- ### 2. Electronic Component Breakdown #### A. Input Section (8 Points) * **Optoisolators:** The inputs typically use optical coupling to separate the high-voltage field signals from the internal low-voltage CPU logic. This protects the microprocessor from electrical surges. * **Voltage Tolerance:** Usually designed for 24V DC inputs. * **Filtering:** Internal RC filters are present to "debounce" mechanical switch signals and prevent false triggering from electrical noise. #### B. Output Section (6 Points - Relay) * **Electromechanical Relays:** Unlike Transistor outputs, these use physical contacts. * **Dry Contacts:** These are "volt-free," meaning they act as simple switches. You can run either AC or DC through them (within rated limits). * **Durability:** Suitable for high-current loads (typically up to 2A per point), but they have a slower switching speed compared to solid-state components. #### C. Processing & Power * **EEPROM/Flash Memory:** Stores the user-programmed logic so that the program is retained during power loss. * **Internal Power Supply:** Regulates the incoming AC or DC line voltage down to 5V DC for the internal logic gates. --- ### 3. Key Advantages and Use Cases | Advantage | Description | | :--- | :--- | | **Flexibility** | Relay outputs allow for a mix of AC and DC loads on different channels. | | **Isolation** | High galvanic isolation between the controller and the machine. | | **Compactness** | The "14-point" form factor is ideal for small standalone machines (e.g., packaging, small conveyors). | --- ### 4. Wiring Considerations * **Common Terminals:** Inputs and outputs are usually grouped with "Common" (COM) terminals to reduce the amount of wiring required. * **Inductive Loads:** When using the relay outputs to drive motors or solenoids, it is recommended to use **snubber circuits** (RC networks) or flyback diodes to prevent arcing and extend the life of the internal relay contacts.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per relay output for this model?
    • ⤷ Does the F2PP-14R-R/Q support analog expansion modules?
    • ⤷ What programming software is required to configure this PLC?