F2TS-00-R/K
AI

The **F2TS-00-R/K** is a specialized thermal component, typically categorized as a **Thermal Link (Thermal Fuse)** or a **Thermal Protector**. These devices are critical safety components designed to interrupt an electrical circuit when the temperature exceeds a specific threshold.
### 1. Technical Specifications
Below are the general electronic and physical specifications for the F2TS series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Thermal Link / Thermal Cutoff |
| **Rated Voltage** | 250V AC |
| **Rated Current** | 2A (Common for this series) |
| **Response Temperature** | Usually indicated by the suffix (e.g., 102°C to 150°C) |
| **Termination Style** | Radial Leads (K-type often denotes lead length/forming) |
| **Housing Material** | Ceramic or Thermoplastic (Insulated) |
---
### 2. Core Electronic Functions
The F2TS-00-R/K serves three primary roles within an electronic assembly:
* **Over-Temperature Protection:** Unlike a standard fuse that reacts to high current (Amperage), this part reacts to **ambient heat**. If a transformer or motor begins to overheat, the internal thermal element melts, opening the circuit.
* **Non-Resettable Action:** This is a "one-shot" component. Once it trips due to heat, it is permanently open and must be replaced. This ensures that the underlying cause of the overheating is addressed before the machine can run again.
* **Galvanic Isolation:** The body is usually made of an insulating material to prevent short circuits between the leads and the chassis of the device it is protecting.
---
### 3. Application Use-Cases
This specific part is frequently found in high-reliability consumer and industrial electronics:
1. **Transformers:** Embedded within the windings to prevent fire if the transformer stalls or shorts.
2. **Power Supplies:** Acts as a secondary safety layer behind the standard current fuse.
3. **Small Appliances:** Used in coffee makers, hair dryers, and fans to prevent thermal runaway.
4. **Battery Packs:** Monitors the temperature of cells during charging/discharging cycles.
---
### 4. Part Number Breakdown (F2TS-00-R/K)
* **F2TS:** Series designation (High-sensitivity thermal link).
* **00:** Designates the standard body size or base configuration.
* **R:** Usually denotes **Radial** lead configuration (leads coming out of one side).
* **K:** Refers to specific **Lead Forming** or length (Kinked leads for PCB mounting).
---
- ⤷
What is the exact tripping temperature for the F2TS-00-R/K model?
- ⤷ Can this component be soldered manually
- ⤷ or does it require heat-sink clamping during assembly?
- ⤷ What are the common failure modes for thermal links besides overheating?