F2TS-01-R/Q
AI

The **F2TS-01-R/Q** is a high-performance **Optical Interconnect module**, specifically categorized as a **Fiber-to-The-Server (F2TS)** component. These are typically used in data centers, high-performance computing (HPC), and telecommunications infrastructure to facilitate high-speed data transmission over optical fibers.
---
### 1. Technical Specifications
The following table outlines the general electronic and physical characteristics typical for this class of optical modules:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | F2TS-01-R/Q |
| **Interface Type** | Optical Transceiver / Interconnect |
| **Data Rate** | High-speed (Typically 10Gbps to 100Gbps depending on configuration) |
| **Connector Type** | LC or MPO (Commonly Q-type for Quad/Multi-fiber) |
| **Wavelength** | 850nm (Multi-mode) or 1310nm (Single-mode) |
| **Power Supply** | 3.3V DC |
| **Mounting** | Plug-and-Play / Surface Mount (Integrated) |
---
### 2. Key Electronic Components
The internal architecture of the F2TS-01-R/Q consists of several critical sub-systems:
* **TOSA (Transmitter Optical Sub-Assembly):**
* Contains the **Laser Diode** (often a VCSEL for short-reach R/Q versions).
* Converts electrical signals from the server bus into light pulses.
* **ROSA (Receiver Optical Sub-Assembly):**
* Contains a **Photodiode** (PIN or APD).
* Converts incoming light pulses back into electrical signals.
* **Driver IC & TIA (Transimpedance Amplifier):**
* The **Driver IC** manages the current sent to the laser.
* The **TIA** amplifies the very small current from the photodiode into a measurable voltage.
* **EEPROM:**
* Stores identification data, serial numbers, and configuration parameters for the host system to read (via I2C interface).
---
### 3. Suffix Breakdown (R/Q)
In the context of these electronic parts, the suffixes usually denote specific physical or optical configurations:
1. **-R (Reach/Receiver):** Often indicates a standard reach specification or a specific receiver sensitivity level.
2. **-Q (Quad/Quantity):** Often refers to a **QSFP** (Quad Small Form-factor Pluggable) architecture or a 4-channel array, allowing for 4x the bandwidth of a single channel.
---
### 4. Typical Application Circuit
The module interacts with a host PCB (Printed Circuit Board) using high-speed differential pairs:
```mermaid
graph LR
A[Host CPU/ASIC] -- Differential Pairs --> B[F2TS Module]
B -- Laser Pulses --> C[Optical Fiber]
C -- Light Input --> B
B -- Electrical Output --> A
```
---
- ⤷
What is the maximum data rate supported by the F2TS-01-R/Q?
- ⤷ Is this module compatible with single-mode or multi-mode fiber optics?
- ⤷ What are the power consumption limits for this specific interconnect?