AI

The **F2TS-51-R** is a specific surface-mount (SMT) component, typically identified as a **Tactile Switch** or a micro-switch used in consumer electronics, automotive controls, and peripheral devices.
---
### 1. General Specifications
The "F2TS" series generally refers to a standard tactile switch profile. Below are the common technical specifications associated with this part number:
| Parameter | Typical Value |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Actuation Force** | 1.6N to 2.5N (160gf - 250gf) |
| **Voltage Rating** | 12V DC (Typical) |
| **Current Rating** | 50mA |
| **Contact Resistance** | < 100mΩ |
| **Operating Life** | 100,000 to 500,000 cycles |
---
### 2. Physical Construction
The part is engineered to provide a physical "click" sensation (haptic feedback) to the user.
* **Actuator:** Usually a small circular or square nub made of plastic or silicone.
* **Cover:** A metal frame that secures the internal dome and protects against dust.
* **Contact Dome:** A stainless steel or copper alloy disk that snaps down to complete the circuit when pressed.
* **Terminals:** Leads designed for reflow soldering onto a Printed Circuit Board (PCB).
---
### 3. Pinout and Circuitry
Most F2TS-51-R switches use a simple **SPST (Single Pole Single Throw)** configuration. In many SMT tactile switches, there are four leads, but they are internally connected in pairs.
#### Typical Schematic Representation:
```text
Terminal 1 ----+---- Terminal 2 (Internal Link)
|
[Switch]
|
Terminal 3 ----+---- Terminal 4 (Internal Link)
```
*When the button is pressed, the circuit between (1,2) and (3,4) is closed.*
---
### 4. Applications
The F2TS-51-R is commonly found in:
1. **Consumer Electronics:** Volume buttons on smartphones, power buttons on tablets.
2. **Computing:** Mouse buttons or reset switches on motherboards.
3. **Automotive:** Steering wheel controls or dashboard interfaces.
4. **Industrial:** User interface panels for machinery.
---
### 5. Soldering Considerations
Because this is an SMT component (Suffix "-R" often denotes **Tape and Reel** packaging for automated pick-and-place), it is designed for:
* **Reflow Soldering:** Capable of withstanding temperatures around 260°C for short durations.
* **Orientation:** Most packages are symmetrical, but the PCB footprint must match the lead spacing exactly to ensure a stable mechanical bond.
- ⤷What is the exact footprint size for the F2TS-51-R PCB layout?
- ⤷ Does this switch have an IP rating for water or dust resistance?
- ⤷ Are there versions of this switch with different actuation forces?