F2TS-51-R/K
AI

The **F2TS-51-R/K** is a high-performance **solid-state timing relay** (specifically a multi-function twin timer) manufactured by **Fuji Electric**. It is designed for industrial automation systems that require precise control over cycle operations, such as "on-delay" and "off-delay" sequences.
---
### 1. Key Technical Specifications
Below is a breakdown of the primary electrical and physical characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Product Type** | Multi-function Twin Timer |
| **Rated Voltage** | 100-240V AC (50/60Hz) / 100-125V DC |
| **Output Type** | Relay Contact (SPDT - Single Pole Double Throw) |
| **Contact Capacity** | 5A at 250V AC (Resistive Load) |
| **Time Range** | 0.1s to 999.9h (Selectable) |
| **Mounting Type** | 8-pin plug-in base (Standard DIN rail or panel mount) |
| **Display** | 4-digit LCD/LED status indicators |
---
### 2. Functional Characteristics
The "Twin Timer" designation means the device can independently control the **ON time (T1)** and the **OFF time (T2)**. This is essential for applications involving repetitive cycles.
* **Operation Modes:**
* **Flicker ON Start:** The cycle begins with the output relay energized.
* **Flicker OFF Start:** The cycle begins with the output relay de-energized.
* **Accuracy:** High repetition accuracy (usually within ±0.3%) due to the internal microprocessor-based quartz crystal oscillator.
* **Protection:** Equipped with internal surge absorption to protect against electrical noise in industrial environments.
---
### 3. Connection Diagram Logic
The device typically follows the standard 8-pin circular socket configuration.
```text
Pin 2 & 7: Power Supply Input
Pin 1 & 3: Normally Open (NO) Contact
Pin 1 & 4: Normally Closed (NC) Contact
Pin 8: Common for the second set (if applicable)
```
---
### 4. Applications
This part is commonly found in the following electronic control systems:
1. **Conveyor Belts:** To manage intermittent movement (move for 10s, stop for 5s).
2. **Lubrication Systems:** To trigger automatic oiling at specific intervals.
3. **HVAC Control:** Managing compressor cycle times to prevent short-cycling.
4. **Signal Lights:** Controlling flashing sequences for warning towers.
- ⤷
How do I set the specific time range for T1 and T2 on this model?
- ⤷ What is the difference between the R/K and the standard F2TS series?
- ⤷ Can this timer be used with a 24V DC power source?