F2VF-3G-R/Q
AI

The part number **F2VF-3G-R/Q** typically refers to a specialized automotive relay or control module component, often associated with Ford Motor Company's engineering standards (indicated by the "F2VF" prefix).
Below is a breakdown of the electronic characteristics and functional aspects of this type of component.
---
### 1. General Specifications
While specific internal schematics are proprietary to the manufacturer (likely Omron or Bosch for Ford), these parts generally follow these parameters:
| Attribute | Typical Specification |
| :--- | :--- |
| **Component Type** | Electromechanical Relay / Control Module |
| **Operating Voltage** | 12V DC (Nominal Automotive) |
| **Current Rating** | 20A to 40A (Application dependent) |
| **Contact Material** | Silver Tin Oxide ($AgSnO_2$) or similar alloy |
| **Mounting Type** | Plug-in / ISO Terminal |
---
### 2. Part Number Breakdown (Prefix Interpretation)
In the Ford part numbering system, the prefix provides context on the design era and vehicle type:
* **F2**: Indicates the design decade and year (F = 1990s, 2 = 1992).
* **V**: Indicates the vehicle line (typically Lincoln or full-size luxury sedans).
* **F**: Indicates the design responsibility (Electronics or Electrical Division).
* **3G-R/Q**: These suffixes usually denote specific revisions, hardware iterations, or packaging variations (e.g., resistor/diode suppression).
---
### 3. Key Electronic Functions
Components of this series are usually involved in high-current switching for vehicle subsystems. Key features include:
* **Coil Suppression:** Many "R/Q" variants include an internal **Resistor** or **Diode** across the coil (Terminals 85 and 86). This prevents Voltage Spikes (flyback voltage) from damaging the vehicle’s Engine Control Unit (ECU) when the relay is deactivated.
* **Contact Configuration:** Usually **SPDT** (Single Pole Double Throw) or **SPST** (Single Pole Single Throw).
* **Sealing:** Often "Flux Tight" or "Plastic Sealed" to withstand engine bay temperatures and vibrations.
---
### 4. Common Applications
This part is frequently used in the following systems within the vehicle:
1. **Fuel Pump Relay:** Managing high-current delivery to the fuel pump.
2. **ABS Control:** Powering Anti-lock Braking System modules.
3. **EEC Power:** Main power relay for the Electronic Engine Control system.
4. **Blower Motor:** Controlling high-speed fan settings for HVAC.
---
### 5. Pinout Diagram (Standard ISO)
Most relays in this category follow the standard 5-pin layout:
```text
Pin 30: Battery Positive (High Current Input)
Pin 85: Coil Ground
Pin 86: Coil Trigger (12V Switched)
Pin 87: Normally Open (Load)
Pin 87a: Normally Closed (Optional)
```
- ⤷
How do I test the internal resistor/diode using a multimeter?
- ⤷ What are the common failure symptoms of the F2VF series relays?
- ⤷ Are there modern equivalent parts for the F2VF-3G-R/Q?