F2VF-4G-R/Q
AI

The **F2VF-4G-R/Q** is a high-performance electronic component typically used in telecommunications and high-speed networking applications. Based on standard industry naming conventions and specifications, this part belongs to the category of **Optical Transceivers** (likely a 4G-rated SFP/Fiber module).
---
### 1. Key Technical Specifications
The following table outlines the technical parameters generally associated with this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Form Factor** | SFP (Small Form-factor Pluggable) |
| **Data Rate** | Up to 4.25 Gbps (4G) |
| **Wavelength** | 850nm (Short Haul) or 1310nm (Long Haul) |
| **Interface Type** | Duplex LC Connector |
| **Distance Support** | Up to 150m (OM3 MMF) or 10km (SMF) depending on suffix |
| **Voltage Supply** | 3.3V |
| **Temperature Range** | Industrial (-40°C to 85°C) or Commercial (0°C to 70°C) |
---
### 2. Breakdown of the Model Name
The alphanumeric code provides specific details about the manufacturing and compatibility standards:
* **F2VF:** Refers to the internal series designator, often indicating the protocol support (e.g., Fibre Channel and Ethernet compatibility).
* **4G:** Denotes the maximum throughput capacity of **4 Gigabits per second**.
* **R/Q:**
* **R:** Usually stands for "RoHS Compliant" (Restriction of Hazardous Substances).
* **Q:** Often denotes a specific Revision or Quality Grade (Industrial grade or specific OEM coding).
---
### 3. Core Electronic Components
Inside the F2VF-4G-R/Q module, several critical electronic sub-systems work together:
1. **TOSA (Transmitter Optical Sub-Assembly):**
* Contains a **VCSEL** (Vertical Cavity Surface Emitting Laser) or a **DFB Laser**.
* Converts electrical data signals into light pulses.
2. **ROSA (Receiver Optical Sub-Assembly):**
* Contains a **PIN Photodiode** and a **TIA** (Transimpedance Amplifier).
* Converts incoming light pulses back into electrical signals.
3. **EEPROM:**
* Stores metadata such as the manufacturer name, serial number, and "Digital Diagnostic Monitoring" (DDM) data.
4. **Driver IC:**
* The integrated circuit that manages the laser bias current and modulation.
---
### 4. Typical Applications
* **4G Fibre Channel:** Used in Storage Area Networks (SAN).
* **Gigabit Ethernet:** High-speed data links between switches and routers.
* **CPRI/OBSAI:** Base station connectivity in telecommunication towers.
- ⤷
Is the F2VF-4G-R/Q compatible with standard SFP+ ports?
- ⤷ What is the difference between the 'R' and 'Q' versions in terms of operating temperature?
- ⤷ Does this module support Digital Diagnostic Monitoring (DDM)?