F2VF-54-R/Q
AI

The **F2VF-54-R/Q** is a high-performance, compact power inductor typically used in automotive and industrial electronics. This part is part of the **F2VF series** (often associated with manufacturers like Eaton/Coiltronics or similar automotive-grade suppliers), designed for high-current power conversion.
---
### 1. Technical Specifications
The following table summarizes the typical electrical characteristics for this component:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 0.54 µH (indicated by the '54' in the part number) |
| **Current Rating (Isat)** | High saturation current (typically 15A - 30A depending on package size) |
| **DCR (Direct Current Resistance)** | Ultra-low (mΩ range) to minimize power loss |
| **Operating Temperature** | -40°C to +125°C or +155°C (Automotive Grade) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Compliance** | AEC-Q200 Qualified (Reliability for automotive use) |
---
### 2. Key Features
* **Magnetically Shielded:** The construction reduces Electromagnetic Interference (EMI), which is critical in noise-sensitive circuits like infotainment or sensor modules.
* **High Power Density:** Designed to handle large amounts of current in a small footprint.
* **Flat-Wire Technology:** Often utilizes flat wire windings to reduce DC resistance and improve efficiency compared to round wire inductors.
* **AEC-Q200 Qualified:** The "Q" suffix usually denotes automotive-grade testing, meaning the part is resistant to mechanical shock, vibration, and extreme thermal cycling.
---
### 3. Application Use Cases
Inductors like the F2VF-54-R/Q are primarily found in **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**.
* **Automotive Systems:** Used in Engine Control Units (ECUs), LED lighting drivers, and Advanced Driver Assistance Systems (ADAS).
* **Computing:** High-efficiency power supplies for servers and industrial PCs.
* **Battery Management:** Helping to smooth current in battery charging and monitoring circuits.
---
### 4. Part Number Breakdown
While manufacturer naming conventions vary slightly, the code generally follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **F2VF** | Series name (High current, shielded power inductor) |
| **54** | Inductance code (0.54 microhenries) |
| **R** | RoHS Compliant / Lead-free |
| **Q** | Automotive Grade (AEC-Q200) |
---
- ⤷
What are the physical dimensions of the F2VF-54-R/Q package?
- ⤷ How does the 'R' suffix impact the soldering profile requirements?
- ⤷ What are the common alternatives for this inductor in industrial power designs?