F2VF-5W3-R
AI

The **F2VF-5W3-R** is a specific automotive-grade electronic component, typically identified as a **Wire-to-Wire Connector** or a specific **Housing/Terminal** assembly used in vehicle wiring harnesses. This part number is closely associated with Ford Motor Company's electrical specifications.
---
### 1. Component Overview
The "F2VF" prefix indicates its origin within the Ford naming convention (F2 = 1992 design era, though these parts remain in use for legacy and standardized systems). These connectors are designed to withstand the harsh environments of an engine bay or vehicle chassis.
| Attribute | Specification |
| :--- | :--- |
| **Component Type** | Connector Housing / Wiring Assembly |
| **Application** | Automotive (Engine, Lighting, or Sensors) |
| **Mounting Type** | In-line / Wire-to-Wire |
| **Durability** | High vibration and thermal resistance |
| **Material** | Heat-stabilized Nylon or PBT Plastic |
---
### 2. Key Electronic Features
While the part is a mechanical housing, its electronic integrity is defined by the following characteristics:
* **Contact Resistance:** Designed for ultra-low resistance (typically <10 mΩ) to ensure signal integrity for sensors or power delivery.
* **Current Rating:** Depending on the terminals used within the -5W3-R housing, it usually supports between **5A to 20A**.
* **Sealing (R-Suffix):** The "R" often denotes a "Sealed" or "Right-angle" variation, providing protection against moisture, oil, and dust (IP67 or IP69K equivalent).
* **Keying/Polarization:** The housing features physical "keys" to prevent incorrect mating, which protects sensitive electronic control units (ECUs) from reverse polarity.
---
### 3. Common Usage Scenarios
These parts are frequently found in the following automotive subsystems:
1. **Oxygen Sensors (O2):** Connecting the exhaust sensor to the main ECU harness.
2. **Ignition Systems:** Providing power to coil packs.
3. **ABS Sensors:** Transmitting wheel speed data through the wheel well.
---
### 4. Technical Cross-Reference
| Manufacturer Code | Equivalent / Related System |
| :--- | :--- |
| **Ford** | F2VF-14A464 (General Housing series) |
| **Motorcraft** | WPT Series (Pigtail kits) |
| **TE Connectivity** | Often the OEM manufacturer for these Ford-spec shells |
- ⤷
What are the compatible terminal pins for the F2VF-5W3-R housing?
- ⤷ How do I identify the pinout for this specific connector?
- ⤷ Is there a direct Motorcraft pigtail equivalent for this part?