F2VF-5W4-R/Q
AI

The **F2VF-5W4-R/Q** is a high-precision, high-power **Metal Plate Shunt Resistor** commonly used in automotive and industrial power management systems. It is designed specifically for current sensing applications where accuracy and heat dissipation are critical.
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Metal Plate | Built using a solid metal alloy for stability. |
| **Power Rating** | 5 Watts | Capable of handling high continuous current. |
| **Resistance Value** | Typically 4 mΩ (R004) | Ultra-low resistance to minimize voltage drop. |
| **Tolerance** | ±1% (F) | High precision for accurate current measurement. |
| **Operating Temp** | -55°C to +170°C | Optimized for harsh environments. |
| **AEC-Q200** | Compliant (Q) | Qualified for automotive use (vibration/thermal shock). |
---
### 2. Physical Construction and Form Factor
The "F2V" series typically utilizes a **4-terminal (Kelvin) connection** or a specialized wide-terminal layout. This design is crucial for:
* **Eliminating Lead Resistance:** By separating the current path from the sensing path, the measurement remains accurate regardless of solder joint resistance.
* **Heat Dissipation:** The metal plate construction allows heat to flow directly into the PCB traces, preventing thermal runaway.
### 3. Applications
These components are primarily found in circuits requiring **Current Sensing**:
1. **Automotive Systems:** Battery Management Systems (BMS), Electric Power Steering (EPS), and Inverter control.
2. **Industrial Power:** DC-DC converters, motor controllers, and high-capacity power supplies.
3. **Smart Grids:** Monitoring energy flow in large-scale battery storage.
---
### 4. Code Block: Ohm's Law Calculation Example
If you are using this 4mΩ resistor to measure a current of 25 Amps, the voltage drop across the sensing pins would be:
```python
# Calculation for Voltage Drop (V = I * R)
current = 25.0 # Amperes
resistance = 0.004 # 4 mOhms
voltage_drop = current * resistance
print(f"Voltage Drop: {voltage_drop} Volts (100mV)")
# Power Dissipation (P = I^2 * R)
power_dissipated = (current**2) * resistance
print(f"Power Dissipation: {power_dissipated} Watts")
```
- ⤷What is the difference between a 2-terminal and 4-terminal shunt resistor?
- ⤷ How does the Temperature Coefficient of Resistance (TCR) affect this component?
- ⤷ What are the recommended PCB layout practices for high-wattage shunt resistors?