F2VF-5WZ-R
AI

The **F2VF-5WZ-R** is a specific electronic component, typically categorized as a **Signal Relay** manufactured by Fujitsu (though the series nomenclature is often part of the FTR-F2 family). These components are designed for high-density mounting and low power consumption in communication and control circuits.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and physical characteristics of the F2VF-5WZ-R:
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Polarized Signal Relay |
| **Contact Form** | DPDT (2 Form C) |
| **Nominal Coil Voltage** | 5V DC |
| **Contact Rating** | 1A at 30V DC / 0.5A at 125V AC |
| **Coil Sensitivity** | High Sensitivity (Approx. 140mW - 200mW) |
| **Mounting Type** | Surface Mount (SMT) |
| **Contact Material** | Gold-overlay silver alloy |
---
### 2. Detailed Component Breakdown
#### A. Coil Characteristics
The "5W" in the part number signifies a **5V DC** operating voltage with a "Wide" or "High Sensitivity" coil.
* **Must Operate Voltage:** Usually 75% of nominal (approx. 3.75V).
* **Must Release Voltage:** Usually 10% of nominal (approx. 0.5V).
* The polarized nature means it uses a permanent magnet to assist the coil, reducing the energy required to switch states.
#### B. Contact Configuration (DPDT)
This part features **Double Pole Double Throw** (2 Form C) contacts. This means it can control two separate circuits simultaneously, switching each between a "Normally Closed" and a "Normally Open" contact point.
#### C. Physical Construction
* **Washable Design:** The "R" or specific suffix often denotes tape-and-reel packaging or a construction that is sealed to allow for automated solder washing processes.
* **Compact Footprint:** Designed for space-constrained PCB applications like telecommunications equipment or handheld testing devices.
---
### 3. Common Applications
Due to its signal-level switching capabilities and low power draw, this relay is found in:
1. **Telecommunications:** Switching line signals or test access.
2. **Medical Equipment:** Low-power signal routing in diagnostic tools.
3. **Security Systems:** Control interfaces for alarm panels.
4. **Measurement & Control:** Used in PLCs (Programmable Logic Controllers) for small signal switching.
---
- ⤷
What is the pinout configuration for the F2VF-5WZ-R?
- ⤷ Are there alternative relays with a higher contact current rating?
- ⤷ What is the difference between a polarized and non-polarized relay in this series?