Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • F2VF-61-R/Q

  • AI
    The **F2VF-61-R/Q** is a specific part number typically associated with automotive electronic components, specifically **automotive relays** or sensor modules used in heating, ventilation, and air conditioning (HVAC) systems. The nomenclature follows the standard engineering part numbering system used by major automotive manufacturers like Ford. --- ### Component Breakdown and Specifications | Parameter | Description | | :--- | :--- | | **Part Type** | Electronic Control Relay / Resistor Module | | **Standard Voltage** | 12V DC (Automotive Standard) | | **Application** | Blower motor control, Cooling fan control, or Fuel pump circuits | | **Termination** | Blade-style plug-in connectors | | **Housing Material** | Heat-resistant thermoplastic | ### Detailed Part Number Analysis In automotive engineering, these characters usually represent the following: 1. **F2VF**: * **F2**: Often indicates the design era or initial release year (e.g., the early 1990s). * **V**: Represents the vehicle line or division (often Lincoln/Mercury or specific chassis types). * **F**: Represents the engineering department (often Electrical/Electronics). 2. **61**: Part group code (often associated with cooling systems or dash components). 3. **R/Q**: Revision levels or specific manufacturing batches indicating minor updates to the internal circuitry or contact materials. --- ### Common Electronic Characteristics As an electronic part, the F2VF-61-R/Q functions as an **electromechanical switch**. * **Coil Side:** Requires a low-current signal to energize an internal electromagnet. * **Contact Side:** Capable of handling high-current loads (typically 20A to 40A) to power motors or fans. * **Internal Protection:** Often includes a resistor or diode across the coil to prevent voltage spikes (flyback voltage) from damaging the vehicle’s Engine Control Unit (ECU). --- ### Common Failure Symptoms If this part fails within a circuit, you may observe the following electronic issues: * **Open Circuit:** The relay coil burns out, preventing the component (like a fan) from turning on at all. * **Stuck Contacts:** High current causes the internal points to weld together, meaning the component stays "ON" even when the vehicle is off. * **High Resistance:** Corrosion on the pins leads to voltage drops, causing fans to run slower than intended.
    ✨ Follow-up Questions
    • ⤷ Is the F2VF-61-R/Q compatible with modern 12V automotive systems?
    • ⤷ How can I test this relay using a digital multimeter?
    • ⤷ What is the specific pinout diagram for this type of automotive relay?