F2VF-64W-R
AI

The **F2VF-64W-R** is a specific automotive-grade connector component, typically part of a wiring harness system used in Ford vehicles. It belongs to the **F2VF** series, which is characterized by its high-density pin configuration and environmental sealing.
---
## 1. Component Overview
The F2VF-64W-R is a **64-Way (64-Pin) Female Housing Connector**. It is primarily used for complex electrical routing, such as Engine Control Modules (ECM) or Body Control Modules (BCM), where high signal density is required.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Number of Positions** | 64 Pins |
| **Gender** | Female (Socket Housing) |
| **Series** | Ford F2VF / Automotive Sealed Series |
| **Contact Type** | Crimp-style terminals |
| **Material** | High-temperature, glass-reinforced thermoplastic |
| **Color** | Usually Black or Grey (depending on keying) |
---
## 2. Key Electronic Features
* **Sealing Technology:** These connectors are designed to be weather-resistant, utilizing internal rubber seals (gaskets) and individual wire seals to prevent moisture and dust from corroding the electrical contacts.
* **Terminal Retention:** It uses a Secondary Locking Mechanism (often a TPA - Terminal Position Assurance) to ensure that pins do not back out under high vibration.
* **Mechanical Keying:** The "R" or specific suffix often denotes a specific keying pattern to prevent "mismating" (plugging the wrong cable into the wrong port).
* **Current Capacity:** While the housing itself doesn't carry current, it is designed for signal-level currents (typically 0.5A to 10A depending on the specific pin gauge used).
---
## 3. Common Applications
Due to the high pin count (64 pins), this part is almost exclusively found in:
1. **Powertrain Control Modules (PCM):** Connecting the engine sensors to the main computer.
2. **Instrument Clusters:** Driving multiple displays and indicators on a dashboard.
3. **Junction Boxes:** Acting as a central hub for interior vehicle wiring.
---
## 4. Maintenance and Repair
If you are working with this part, keep the following in mind:
* **Terminal Removal:** A specialized extraction tool is required to remove the pins without damaging the plastic locking tabs.
* **Crimping:** Use only automotive-grade crimpers to ensure the gas-tight connection necessary for low-voltage signals.
* **Corrosion:** Check for green or white powdery residue inside the housing, which indicates a seal failure.
- ⤷
What are the compatible crimp terminals for the F2VF-64W-R housing?
- ⤷ How do I identify the pinout diagram for this 64-way connector?
- ⤷ What is the specific extraction tool model needed for Ford F2VF series connectors?