F2VF-6F-R/Q
AI

The **F2VF-6F-R/Q** is a high-performance connector typically used in automotive and industrial electronic control units (ECUs). It belongs to a category of headers or sockets designed for high-density signal transmission under harsh environmental conditions.
---
### 1. Technical Specifications
The part is engineered to meet rigorous electrical and mechanical standards. Below is a breakdown of its primary specifications:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Board-to-Wire / Board-to-Board Connector |
| **Contact Plating** | Usually Tin (R) or Gold (Q) flash for corrosion resistance |
| **Mounting Type** | Through-hole or Surface Mount (model dependent) |
| **Current Rating** | Typically 3A - 5A per contact |
| **Voltage Rating** | 250V AC/DC |
| **Temperature Range** | -40°C to +125°C (Automotive Grade) |
### 2. Suffix Breakdown (R/Q)
The suffixes in automotive electronics often denote specific material variations or packaging styles:
* **-R:** Often signifies "RoHS Compliant" or a specific terminal orientation (Right Angle).
* **-Q:** Frequently indicates "Automotive Grade" (AEC-Q100/Q200 standards) or specialized quality inspection protocols.
### 3. Key Electronic Characteristics
These parts are designed with several critical factors in mind:
* **Vibration Resistance:** The housing features a locking mechanism (often a primary and secondary lock) to ensure the electrical connection remains stable in high-vibration environments like an engine bay.
* **Low Contact Resistance:** Using high-conductivity copper alloys ensures minimal signal loss, which is crucial for sensors and data bus communication (CAN, LIN).
* **EMI/EMC Shielding:** Depending on the specific housing, these connectors may include shielding features to prevent electromagnetic interference from affecting sensitive electronic signals.
### 4. Common Applications
1. **Engine Management Systems:** Connecting sensors to the ECU.
2. **Infotainment Systems:** High-speed data transfer between modules.
3. **Safety Modules:** Connections for Airbag deployment systems or ABS modules.
4. **Industrial Automation:** Used in PLC (Programmable Logic Controller) interfaces.
---
- ⤷
What are the specific pinout configurations for the F2VF series?
- ⤷ Does this connector meet the AEC-Q200 standard for automotive electronics?
- ⤷ What is the recommended soldering profile for the F2VF-6F-R/Q?