F2VF-A5-R/Q
AI

Based on the part number provided, this identifies as a high-performance **Fiber Optic Receiver** module, typically manufactured by companies like **Finisar** or **Avago (Broadcom)**, often used in industrial or networking applications.
Below is a breakdown of the electronic specifications and characteristics for this component.
### 1. Component Overview
The **F2VF-A5-R/Q** is a compact fiber optic receiver designed to convert incoming optical signals into electrical signals. It is frequently paired with a corresponding transmitter for point-to-point data communication.
---
### 2. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fiber Optic Receiver |
| **Data Rate** | Typically up to 5 MBd (MegaBaud) |
| **Wavelength** | 650 nm (Visible Red Light) |
| **Supply Voltage** | 4.75V to 5.25V (Standard 5V) |
| **Output Type** | TTL / CMOS Compatible |
| **Connector Type** | Versatile Link (Gray/Blue standard) |
| **Operating Temp** | -40°C to +85°C |
---
### 3. Pin Configuration & Functionality
The device usually follows a standard 4-pin or 5-pin layout common to the **Versatile Link** family:
1. **Vcc:** Power supply input (+5V).
2. **Data Out:** Digital output signal (TTL level).
3. **GND:** Common ground connection.
4. **NC/V_ref:** No connection or reference voltage (depending on specific sub-variant).
### 4. Technical Characteristics
* **Integrated Shielding:** These modules often include internal electromagnetic interference (EMI) shielding to prevent noise from high-frequency electronics from corrupting the signal.
* **High Sensitivity:** Designed to detect low-power optical signals over plastic optical fiber (POF) or Hard Clad Silica (HCS) fiber.
* **Compatibility:** Fully compatible with standard TTL logic, allowing direct connection to microcontrollers (like Arduino, ESP32) or FPGAs without complex interface circuitry.
---
### 5. Common Applications
* **Industrial Automation:** Isolation of control signals in high-voltage environments.
* **Medical Equipment:** Providing electrical isolation for patient safety.
* **Gaming & Power Electronics:** High-speed data links that require immunity to electrical noise.
---
### 6. Code Implementation (Example)
To read data from this receiver using a microcontroller, you can use a simple digital interrupt or polling method:
```cpp
// Example: Reading data from the F2VF Receiver on an Arduino
const int receiverPin = 2; // Data Out connected to Digital Pin 2
void setup() {
pinMode(receiverPin, INPUT);
Serial.begin(9600);
}
void loop() {
int signalState = digitalRead(receiverPin);
if (signalState == HIGH) {
// Optical signal detected (Logic High)
Serial.println("Signal Received");
}
}
```
- ⤷What is the maximum transmission distance for this receiver using Plastic Optical Fiber (POF)?
- ⤷ Which specific transmitter model is best paired with the F2VF-A5-R/Q?
- ⤷ Does this receiver require any external pull-up resistors for the TTL output?