F2VF-FW3-R
AI

The part number **F2VF-FW3-R** corresponds to a specialized automotive-grade electrical connector component, typically associated with Ford Motor Company's wiring systems. It is part of the **F2VF series**, which often relates to high-current or signal-specific connector housings and terminals.
---
### 1. Technical Specifications
The following table outlines the general characteristics of components in this series:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer Category** | Automotive / Industrial |
| **OEM Correlation** | Ford Motor Company (F2VF Prefix) |
| **Terminal Material** | Copper Alloy / Brass with Tin or Silver plating |
| **Housing Compatibility** | Nylon/Polyamide (High-temperature resistant) |
| **RoHS Status** | Compliant (R suffix often denotes RoHS/Lead-free) |
| **Connection Type** | Wire-to-Wire or Wire-to-Board |
---
### 2. Part Number Breakdown
The alphanumeric string follows a specific engineering logic used in the automotive supply chain:
* **F2VF:** The engineering prefix. "F2" usually indicates the year or design generation (early 1990s origin, though still used/manufactured as legacy or standard parts).
* **FW3:** Refers to the specific geometry, pin count, or sub-series of the connector body or terminal.
* **-R:** Generally indicates **RoHS compliance** (Restricted Hazardous Substances) or that the part is supplied on a **Reel** for automated crimping.
---
### 3. Applications and Usage
These parts are designed for harsh environments where vibration and temperature fluctuations are constant.
1. **Engine Wiring Harnesses:** Connecting sensors (Oxygen, Temperature) to the ECU.
2. **Lighting Systems:** Used in headlight or taillight assemblies for secure power delivery.
3. **Signal Transmission:** Low-resistance connections for dashboard instrumentation.
4. **Repair Kits:** Frequently found in "pigtail" repair kits for vehicle maintenance.
---
### 4. Key Advantages
* **Locking Mechanism:** Features a secure snap-lock to prevent accidental disconnection due to vehicle vibration.
* **Sealing:** Often designed to work with silicone wire seals to prevent moisture ingress (IP67/IP68 equivalent).
* **High Conductivity:** Plated surfaces ensure minimal voltage drop across the connection.
- ⤷What is the exact pin count for the F2VF-FW3-R variant?
- ⤷ Which crimping tool is recommended for this terminal series?
- ⤷ Is there a direct equivalent from Molex or TE Connectivity?