Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • F2VF-G1-R

  • AI
    The part number **F2VF-G1-R** refers to a high-performance **Fiber Optic Receiver** module, typically manufactured by companies like **Finisar** (now part of II-VI/Coherent) or similar specialized optical component vendors. These are primarily used in high-speed digital communications. --- ### 1. Component Overview The "R" in the suffix typically denotes that this specific part is a **Receiver**, whereas a "T" would denote a Transmitter. This component is designed to convert incoming optical signals (light) into electrical signals (voltage). ### 2. Technical Specifications While specific datasheets can vary by manufacturer, the F2VF series generally adheres to the following parameters: | Parameter | Typical Specification | |:--- |:--- | | **Component Type** | Fiber Optic Receiver (Digital) | | **Data Rate** | Typically 155 Mbps to 1.25 Gbps | | **Wavelength** | 1100nm to 1650nm (Standard SM/MM range) | | **Supply Voltage** | 3.3V or 5.0V DC | | **Interface** | TTL or PECL Compatible | | **Package Style** | 1x9 Pin or Small Form Factor (SFF) | --- ### 3. Internal Electronic Architecture The internal circuitry of the F2VF-G1-R consists of several critical stages: 1. **Photodetector (PIN Diode):** Converts incoming photons into a small displacement current. 2. **Transimpedance Amplifier (TIA):** A low-noise pre-amplifier that converts the weak current from the photodiode into a measurable voltage. 3. **Limiting Amplifier (Post-Amp):** Stabilizes the voltage levels to provide a clean digital output (High/Low) regardless of the input optical power variations. 4. **Quantizer:** Ensures the output waveform has sharp edges (fast rise/fall times) for digital processing. --- ### 4. Common Applications This part is commonly found in legacy and industrial networking hardware: * **Ethernet Switches:** For fiber-to-copper media conversion. * **Industrial Control Systems:** Used in environments where electrical interference (EMI) makes traditional copper wiring unreliable. * **Telecommunications:** SONET/SDH equipment for long-haul data transmission. --- ### 5. PIN Configuration (Typical 1x9) If the component is in a standard 1x9 package, the pinout usually follows this logic: | Pin Number | Function | Description | |:--- |:--- |:--- | | 1 | **Vee** | Receiver Ground | | 2 | **RD+** | Receiver Data Out (Positive) | | 3 | **RD-** | Receiver Data Out (Negative) | | 4 | **SD** | Signal Detect (High when light is present) | | 5 | **Vcc** | Receiver Power Supply |
    ✨ Follow-up Questions
    • ⤷ What are the key differences between the G1 and G2 versions of this series?
    • ⤷ How do I test the Signal Detect (SD) pin functionality?
    • ⤷ Is this component compatible with Single-Mode or Multi-Mode fiber?