F2VF-G5-R/Q
AI

The **F2VF-G5-R/Q** is a specific part number typically associated with automotive-grade electronic relays, often manufactured by companies like **OMRON**. These components are designed for high-reliability applications within a vehicle's electrical system.
---
### 1. Component Specification Overview
The suffix "R/Q" generally refers to specific packaging or quality standard variations (such as resistance to heat or specific pin plating). Below are the typical technical specifications for this class of relay:
| Feature | Specification |
| :--- | :--- |
| **Type** | Power Relay / Automotive Relay |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Coil Voltage** | 12V DC (Standard for automotive) |
| **Contact Arrangement** | SPST (1 Form A) or SPDT (1 Form C) |
| **Current Rating** | Typically 20A to 35A (Continuous) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Internal Electronic Structure
The device consists of three primary electronic sections:
1. **The Coil (Input):** A copper winding that creates an electromagnetic field when 12V is applied. In the "R" variant, there is often a **suppression resistor** or diode connected in parallel with the coil to prevent "back EMF" (voltage spikes) from damaging the vehicle's Engine Control Unit (ECU).
2. **The Armature:** A moving mechanical piece attracted by the coil's magnetic field.
3. **Contacts (Output):** High-conductivity silver alloy points that open or close the high-current circuit.
---
### 3. Common Applications
Because of its rugged design, the F2VF series is used to control high-load peripherals in a car:
* **Fuel Pumps:** Managing the high current required to maintain fuel pressure.
* **Radiator Fans:** Handling the inductive surge when cooling fans start.
* **ABS Control Units:** Switching power for anti-lock braking solenoids.
* **Blower Motors:** Controlling HVAC fan speeds.
---
### 4. Identification of Suffixes
* **G5:** Refers to the physical size and pin configuration footprint.
* **R:** Often indicates **Resistor** inclusion for transient voltage suppression.
* **Q:** Usually signifies **Automotive Quality** (AEC-Q100/200 compliance) or specific North American/Japanese manufacturing standards.
---
- ⤷
What is the difference between the R and Q versions in terms of pinout?
- ⤷ How do I test if an F2VF-G5 relay is faulty using a multimeter?
- ⤷ What are the equivalent replacement parts for the F2VF series?