F2VF-H5-R/Q
AI

Based on the part number **F2VF-H5-R/Q**, this component belongs to a series of **Automotive Grade Relays** or high-current connectors typically utilized in power distribution systems (often associated with Ford or Tier-1 automotive suppliers).
Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series.
---
## 1. Component Overview
The **F2VF** series typically refers to a specialized automotive power relay designed for high-current switching and harsh environment reliability.
### Key Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Electromechanical Automotive Relay |
| **Contact Form** | Typically SPST (1 Form A) or SPDT (1 Form C) |
| **Nominal Voltage** | 12V DC (Standard Automotive) |
| **Current Rating** | 20A to 40A (depending on thermal conditions) |
| **Mounting Type** | PCB Mount or Plug-in (ISO Footprint) |
| **Suffix Significance** | **-R**: Resistor suppressed / **-Q**: High-quality/Quick-connect variant |
---
## 2. Technical Characteristics
### Electrical Performance
* **Coil Resistance:** Usually ranges between 60Ω to 120Ω for 12V systems.
* **Contact Material:** Silver Tin Oxide ($AgSnO_2$), which provides excellent resistance to welding and material transfer during high-load switching.
* **Suppression:** The "R" in the suffix often indicates an internal **Resistor** wired in parallel with the coil to suppress Voltage Spikes (EMF) when the relay is de-energized, protecting sensitive ECU electronics.
### Environmental Durability
1. **Temperature Range:** Rated for $-40^\circ\text{C}$ to $+125^\circ\text{C}$ to withstand engine bay heat.
2. **Vibration Resistance:** Designed to meet automotive standards (SAE/ISO) for mechanical shock.
3. **Sealing:** Often "Flux Tight" or fully sealed to prevent ingress of dust and moisture.
---
## 3. Typical Applications
These parts are commonly found in the following automotive subsystems:
* **Fuel Pump Control:** High reliability required for constant operation.
* **ABS Control Units:** Fast switching for safety systems.
* **Heating Elements:** Rear window defoggers and seat heaters.
* **Lighting Systems:** Headlight and fog light switching.
---
## 4. Internal Wiring Diagram (Typical)
```text
(Coil)
[ 86 ]-------( )-------[ 85 ]
|
[Resistor/Diode]
|
(Common 30) ----/ ---- (Normally Open 87)
```
---
- ⤷
What are the direct pin-compatible alternatives for the F2VF series?
- ⤷ How do I test the internal resistor of this relay using a multimeter?
- ⤷ What is the specific difference between the 'R' and 'Q' suffixes in automotive part numbering?