F2VF-HG-R/Q
AI

Based on the part number **F2VF-HG-R/Q**, this component belongs to the automotive relay series manufactured by **Panasonic** (formerly Aromat/NAiS). Specifically, it is part of the **F2** series, designed for high-current automotive applications.
---
## 1. Technical Specifications
The F2VF-HG-R/Q is a specialized automotive power relay. Below are its primary technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Series** | F2 Series (Automotive Power) |
| **Contact Arrangement** | 1 Form A (SPST-NO) |
| **Nominal Voltage** | 12V DC |
| **Continuous Current** | 20A to 35A (Application dependent) |
| **Contact Material** | AgSnO2 (Silver Tin Oxide) |
| **Mounting Type** | PCB / Through-hole |
| **Features** | High heat resistance, high vibration resistance |
---
## 2. Part Number Breakdown
Understanding the suffix codes is crucial for identifying the specific configuration:
* **F2VF**: The base series designation for high-capacity, high-temperature automotive relays.
* **HG**: High-grade contact or housing material, often indicating superior heat resistance for engine compartment environments.
* **R**: Typically indicates a specific **Terminal Shape** or **Resistor** inclusion (for suppressing back EMF from the coil).
* **Q**: Often denotes a specific packaging type (e.g., tube or tray) or a minor mechanical variation requested by an OEM.
---
## 3. Internal Circuit (Example)
Many "R" suffix relays include a suppression resistor across the coil to protect the vehicle's electronic control unit (ECU) from voltage spikes.
```mermaid
graph LR
A[Pin 1: Coil +] --- R[Resistor]
R --- B[Pin 2: Coil -]
A --- C[Coil Inductor]
C --- B
```
---
## 4. Typical Applications
These relays are found in automotive systems requiring reliable switching under harsh conditions:
* **Power Windows/Seats:** High momentary current handling.
* **Fuel Pumps:** Reliable switching for engine operation.
* **Blower Motors:** Handles continuous current for HVAC fans.
* **ABS Units:** Fast response time and vibration resistance.
---
- ⤷What is the exact coil resistance for the 12V version of this relay?
- ⤷ How does the 'HG' designation impact the operating temperature range?
- ⤷ Are there pin-compatible alternatives from Omron or TE Connectivity?