F2VS-12-R
AI

The **F2VS-12-R** is a specific model within the F2VS series of industrial sensors, typically categorized as a **Color Mark Sensor** or **Contrast Sensor**. These are high-performance photoelectric sensors used in automation to detect registration marks on packaging materials.
---
### 1. Technical Specifications
The "12-R" designation usually refers to the sensing distance and the light source color.
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Reflective (Coaxial) |
| **Light Source** | Red LED (Visible) |
| **Sensing Distance** | 12 mm (± 2 mm) |
| **Supply Voltage** | 12 to 24V DC |
| **Output Type** | NPN or PNP (Model dependent, usually Open Collector) |
| **Response Time** | Fast (typically < 50μs) |
| **Housing Material** | Plastic or Metal (Industrial Grade) |
---
### 2. Key Electronic Components
Inside the F2VS-12-R, several critical electronic systems work together to ensure high-speed detection:
* **Emitter (Red LED):** Projects a narrow beam of light onto the target surface. The red wavelength is chosen for its high contrast against green, black, and blue backgrounds.
* **Receiver (Photodiode):** A high-sensitivity silicon photodiode captures the reflected light. It is often positioned coaxially (through the same lens as the emitter) to minimize parallax errors.
* **Signal Processor (ASIC):** An internal integrated circuit converts the analog light intensity into a digital signal. It filters out ambient light noise to prevent false triggering.
* **Threshold Comparator:** This circuit compares the reflected light intensity against a "taught" value. When the difference exceeds the threshold, the output state changes.
* **Output Transistor:** Usually an NPN or PNP transistor that acts as a switch to signal a PLC (Programmable Logic Controller) or a servo drive.
---
### 3. Connection Diagram (General)
The unit typically uses a standard 4-wire color code:
```yaml
Brown: +V (12-24V DC)
Blue: 0V (GND)
Black: Control Output (Signal)
White: External Teach / Remote Input
```
---
### 4. Applications
The F2VS-12-R is engineered for high-speed production lines where precision is critical:
1. **Packaging:** Detecting the "eye mark" on plastic films to trigger the cutting blade.
2. **Printing:** Monitoring color alignment (registration) on continuous webs.
3. **Labeling:** Sensing the edge of a label or a specific mark for accurate placement on bottles or boxes.
- ⤷
What is the difference between the Red LED and Green LED versions of this sensor?
- ⤷ How do you perform the 'Teach' function on the F2VS series?
- ⤷ Can this sensor detect transparent marks on clear film?