F2VS-164-R
AI

The **F2VS-164-R** is a specific surface-mount electronic component typically used in high-frequency signal processing and RF (Radio Frequency) applications. It is most commonly identified as a **high-pass filter** or a **diplexer component** depending on the specific manufacturer (often associated with brands like Mini-Circuits or similar RF component specialists).
---
### 1. Technical Specifications
Below are the typical electronic characteristics for the F2VS-164-R series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | High Pass Filter / RF Filter |
| **Passband Frequency** | Approximately 160 MHz to 2500 MHz |
| **Stopband Frequency** | DC to 100 MHz (typical rejection) |
| **Impedance** | 50 Ohms (Standard) |
| **Insertion Loss** | < 1.0 dB (in passband) |
| **VSWR** | 1.5:1 (Typical) |
| **Package Type** | Surface Mount (SMT) - Case Style FV1206 |
---
### 2. Key Internal Components
The internal structure of an F2VS-164-R is a **passive network**, meaning it does not require external power to operate. It consists of:
* **Multilayer Ceramic Capacitors (MLCC):** These are used to block low-frequency signals and DC current while allowing high-frequency signals to pass.
* **Precision Inductors:** These are integrated into the ceramic substrate to create a specific impedance curve that rejects unwanted noise.
* **LTCC (Low Temperature Co-fired Ceramic) Substrate:** The entire circuit is embedded within layers of ceramic, which provides excellent thermal stability and high-frequency performance.
---
### 3. Application Use Cases
This part is generally found in the following electronic systems:
1. **Cable TV (CATV) Equipment:** Used to filter out low-frequency interference from return paths in broadband systems.
2. **Test and Measurement:** Used in signal generators to clean up harmonic distortion.
3. **Transceivers:** Placed in the RF front-end to protect the receiver from high-power, low-frequency interference (like AM/FM radio towers).
---
### 4. Mounting and Handling
Since this is an SMT component, it requires specific handling:
```markdown
- Soldering: Reflow soldering is recommended.
- Moisture Sensitivity: Usually MSL 1 (Unlimited shelf life at <30°C/85% RH).
- Orientation: Ensure the input and output pins are aligned according to the datasheet footprint.
```
---
- ⤷
What is the exact rejection level (dB) for the F2VS-164-R in the stopband?
- ⤷ How does the LTCC technology improve the performance of this filter?
- ⤷ Can this component be used in 75 Ohm impedance systems?