Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • F2VS-21-R

  • AI
    The **F2VS-21-R** is a specific model within the **F2VS Series** of high-performance Solid State Relays (SSRs) or Voltage Sensors, typically manufactured by companies like **FineSuntronix** or similar industrial control specialists. These components are designed for industrial automation, providing high-speed switching and electrical isolation. --- ### 1. Technical Specifications Overview The "F2VS-21-R" designation usually breaks down into specific electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Relay Type** | Solid State Relay (SSR) / Voltage Sensor | | **Input Voltage (Control)** | Typically 4-32V DC (Logic level) | | **Output Voltage (Load)** | 90-240V AC (Standard range) | | **Rated Current** | 10A to 20A (Depending on heatsink/ambient temp) | | **Switching Type** | Zero-Cross Switching (Reduces EMI) | | **Mounting** | Panel Mount / DIN Rail compatible | --- ### 2. Core Electronic Components The internal architecture of the F2VS-21-R consists of three primary stages: #### A. Input Circuit (Opto-Isolation) * **LED Indicator:** A visual diagnostic tool (usually red) to show when the control signal is active. * **Optocoupler:** An internal infrared LED and phototransistor that transfer the signal via light. This provides **galvanic isolation** (usually up to 2500V or 4000V) between the low-voltage control side and the high-voltage load side. #### B. Trigger Circuit (Zero-Cross Logic) * **Zero-Cross Detector:** This circuit ensures the relay only turns "ON" when the AC sine wave passes through zero volts. This prevents massive inrush currents and minimizes electromagnetic interference (EMI). #### C. Output Switch (Power Stage) * **TRIAC or Back-to-Back Thyristors (SCRs):** These are the semiconductor components that handle the actual load current. Because there are no moving parts, they do not suffer from mechanical wear or contact arcing. * **RC Snubber Circuit:** An internal resistor-capacitor network that protects the semiconductor from high $dv/dt$ (voltage spikes) caused by inductive loads. --- ### 3. Key Advantages 1. **High Durability:** Unlimited switching cycles compared to mechanical relays. 2. **Silent Operation:** No "click" sound, ideal for medical or office environments. 3. **Fast Response:** Switching times are typically less than 10ms. 4. **Vibration Resistance:** Solid-state construction makes it immune to physical shocks. --- ### 4. Typical Connection Diagram ```text [ Control Side (DC) ] [ Load Side (AC) ] + (3) ---- [ +V DC ] (1) ---- [ AC Hot Line ] - (4) ---- [ -V DC ] (2) ---- [ Load (Motor/Heater) ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the F2VS-21-R before derating is required?
    • ⤷ Does this model require an external heatsink for loads above 10A?
    • ⤷ What are the specific differences between the 'R' suffix and the 'S' suffix in this series?