F2VS-33-R
AI

The **F2VS-33-R** is a specific electronic component typically identified as a **Radial Lead, Non-Polarized (Bipolar) Electrolytic Capacitor**, often part of a series designed for general-purpose applications where polarity reversal may occur.
Below is a detailed breakdown of its technical characteristics and specifications.
---
### 1. Technical Specifications
This component is defined by its physical size, electrical capacity, and voltage rating.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Electrolytic Capacitor |
| **Lead Style** | Radial Lead (Through-hole) |
| **Polarity** | Non-Polarized (Bipolar) |
| **Capacitance** | 3.3 µF (based on "33" designation) |
| **Voltage Rating** | Dependent on sub-series (Commonly 16V to 50V) |
| **Tolerance** | ±20% (Standard) |
| **Suffix "R"** | RoHS Compliant / Taped and Reeled Packaging |
---
### 2. Key Features
* **Non-Polarized Construction:** Unlike standard electrolytic capacitors, the F2VS-33-R can handle voltage in either direction. This is achieved by using two internal oxide layers, essentially placing two capacitors back-to-back in a single housing.
* **Radial Lead Design:** The leads exit from the bottom of the cylindrical "can," making it suitable for vertical mounting on Printed Circuit Boards (PCBs).
* **High Temperature Stability:** Usually rated for operation up to **85°C** or **105°C**, depending on the specific manufacturer batch.
---
### 3. Application Areas
Because of its non-polarized nature, this part is used in specific circuit environments:
1. **Audio Crossover Networks:** Used in speaker systems where the signal is AC (alternating current) and has no DC bias.
2. **S-Correction in Displays:** Historically used in CRT or specialized display monitors.
3. **Phase Shifting:** Useful in small AC motor start circuits or signal processing where polarity cannot be guaranteed.
4. **Coupling/Decoupling:** In audio signal paths to prevent DC leakage while allowing AC signals to pass without worrying about orientation.
---
### 4. Part Number Breakdown
While manufacturer-specific codes vary, the standard logic for this part number is:
* **F2VS:** The series identifier (often indicating a low-profile or bipolar sub-series).
* **33:** The capacitance code ($33 = 3.3 \text{ microfarads}$).
* **R:** Indicates RoHS compliance or specific packaging (Tape & Reel).
- ⤷
What are the physical dimensions of the F2VS-33-R?
- ⤷ Can this capacitor be replaced with a polarized electrolytic if the polarity is known?
- ⤷ What is the typical lifespan of this component under load?