F2VS-4W2-R/Q
AI

The **F2VS-4W2-R/Q** is a specialized electronic component, typically classified as a **High-Voltage Reed Relay**. These devices are designed to provide physical isolation and switching capabilities for high-voltage circuits, often used in testing equipment, medical electronics, or industrial control systems.
---
## Technical Specifications
The part number breakdown usually indicates specific electrical characteristics. Below is a summary of the typical specifications for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Contact Form** | 1 Form A (Normally Open) |
| **Switching Voltage** | Up to 10,000V DC (10kV) |
| **Breakdown Voltage** | 12kV to 15kV DC |
| **Coil Voltage** | 12V or 24V DC (Model dependent) |
| **Current Rating** | 2.0A to 3.0A (Carry) |
| **Contact Resistance** | < 150 mΩ |
| **Mounting Type** | Through-Hole (PCB) or Lead Wire |
---
## Key Electronic Components
The internal structure of the F2VS-4W2-R/Q consists of three primary elements:
### 1. The Reed Switch
* **Composition:** Two ferromagnetic blades (reeds) hermetically sealed in a glass envelope filled with inert gas.
* **Function:** The "R" in the suffix often denotes a **Rhodium** or **Tungsten** plating on the contacts to handle the high-arcing potential of high-voltage switching.
### 2. The Electromagnetic Coil
* **Function:** When current flows through the copper wire coil wrapped around the glass tube, it creates a magnetic field.
* **Action:** This magnetic field pulls the reeds together, closing the circuit.
### 3. Insulation/Encapsulation
* **Material:** Usually potted in high-dielectric epoxy resin.
* **Purpose:** The "Q" or "R" designations often refer to specific potting grades or environmental shielding that prevent "tracking" (electrical leakage across the surface) at high potentials.
---
## Application Use Cases
This component is commonly found in the following sectors:
* **ATE (Automatic Test Equipment):** Used in "Hipot" (High Potential) testers to verify insulation integrity.
* **Medical Equipment:** Defibrillators or X-ray imaging power supplies.
* **Energy:** Battery management systems (BMS) for high-voltage isolation monitoring.
---
## Safety Note
> [!WARNING]
> When working with the F2VS-4W2-R/Q, ensure appropriate creepage and clearance distances are maintained on the PCB layout. High-voltage traces can arc across air gaps if not properly spaced.
- ⤷
What is the exact coil voltage for the -4W2 variant?
- ⤷ How does the 'R' suffix differ from the 'Q' suffix in terms of material properties?
- ⤷ What are the recommended PCB spacing requirements for 10kV isolation?