Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • F2VS-5W4W-R

  • AI
    The **F2VS-5W4W-R** is a specific model identifier typically associated with high-performance **Cooling Fans**, specifically those manufactured by Nidec (often under the UltraFlo or Servo brands) or similar industrial thermal solution providers. These fans are commonly used in servers, telecommunications equipment, and high-density industrial enclosures. --- ### 1. Technical Specifications Overview Below are the typical electronic and mechanical characteristics for this class of component: | Parameter | Specification | | :--- | :--- | | **Component Type** | DC Axial Cooling Fan | | **Input Voltage** | 12V DC (Typical range: 10.8V – 13.2V) | | **Current Rating** | ~1.5A to 3.0A (High-performance variant) | | **Power Consumption** | ~18W to 36W depending on load | | **Bearing Type** | Dual Ball Bearing (for long MTBF) | | **Material** | PBT Plastic (Frame/Impeller), UL94V-0 Rated | | **Termination** | 4-Wire Lead (PWM + Tachometer) | --- ### 2. Wiring and Interface (4-Wire Configuration) The "4W" in the suffix usually denotes a **4-wire interface**, which is standard for modern server cooling. The electronic pins are typically assigned as follows: 1. **Black (GND):** Ground / Negative terminal. 2. **Red (+12V):** Power supply input. 3. **Yellow (Tachometer):** Frequency generator output. It sends 2 pulses per revolution to the motherboard/controller to monitor RPM. 4. **Blue (PWM Control):** Pulse Width Modulation input. Allows the system to dynamically adjust the fan speed (0-100% duty cycle) to balance noise and cooling. --- ### 3. Key Electronic Features * **PWM Speed Control:** The integrated circuit (IC) inside the fan motor interprets a 25kHz PWM signal. This allows for precise thermal management, reducing power consumption when the system is idle. * **Locked Rotor Protection:** The internal circuitry detects if the fan blades are obstructed. It will automatically cut or pulse power to prevent the motor coils from overheating and burning out. * **Reverse Polarity Protection:** Prevents damage to the internal electronics if the positive and negative leads are accidentally swapped during installation. * **Soft Start:** The electronics manage the "Inrush Current," ensuring that when the fan starts, it doesn't cause a massive voltage drop on the power rail. --- ### 4. Common Applications * **1U/2U Rackmount Servers:** High static pressure is required to push air through dense heatsinks. * **Network Switches:** Constant operation in high-heat environments. * **Industrial Power Supplies:** Cooling high-wattage AC/DC converters. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum RPM and Airflow (CFM) for this specific fan model?
    • ⤷ How do I calculate the power consumption based on the PWM duty cycle?
    • ⤷ What are the dimensions (mm) of the F2VS-5W4W-R?