F2VS-62-R
AI

The **F2VS-62-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Magnetic Component**. While the exact specifications can vary slightly by manufacturer (often associated with brands like Sumida or similar magnetic specialists), the following technical breakdown explains its core electronic characteristics.
---
### 1. Technical Specifications
The part number follows a standardized nomenclature for high-current inductors. Below is a representative technical profile:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Shielded Surface Mount Inductor |
| **Inductance Range** | Usually varies; "62" often refers to 6.2µH or a series code |
| **Current Rating** | High-saturation current (typically 1.5A to 5A depending on size) |
| **Mounting Type** | SMD/SMT (Surface Mount Technology) |
| **Shielding** | Magnetically Shielded (prevents EMI interference) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Core Electronic Functions
The F2VS-62-R serves several critical roles within an electronic circuit:
* **Energy Storage:** It stores energy in a magnetic field when electric current flows through it. This is essential for DC-DC converters.
* **Filtering:** It acts as a low-pass filter, allowing DC to pass while blocking high-frequency noise and AC components.
* **Voltage Regulation:** In switching power supplies, it helps maintain a steady output voltage despite fluctuations in input or load.
---
### 3. Key Construction Features
The "R" suffix usually denotes **RoHS Compliance**, meaning the part is lead-free and environmentally safe.
#### Magnetic Shielding
The component is enclosed in a ferrite housing. This is crucial for dense PCB layouts because:
1. It prevents the inductor's magnetic field from interfering with neighboring components.
2. It protects the inductor from external electromagnetic interference (EMI).
#### Footprint and Form Factor
The "62" often refers to the physical dimensions (e.g., 6mm x 6mm base). The low-profile design makes it ideal for:
* Portable electronics (Smartphones, Tablets).
* Embedded systems.
* Automotive infotainment modules.
---
### 4. Typical Application Circuit
In most designs, this part is used in a **Buck Converter** configuration.
```spice
[Input Voltage] ---- [Switching Transistor] ---- [F2VS-62-R Inductor] ---- [Output]
|
[Filter Capacitor]
|
[Ground]
```
- ⤷
What are the specific saturation current limits for the F2VS-62-R?
- ⤷ Can this inductor be used in high-frequency automotive applications?
- ⤷ What are the recommended soldering profiles for this SMD component?