F2VS-63-R/Q
AI

The **F2VS-63-R/Q** is a high-performance, compact **Voltage and Current Protection Relay** (also known as a self-resetting over-under voltage protector). It is designed to safeguard electrical equipment from power surges, voltage drops, and overcurrent conditions in single-phase AC circuits.
---
### 🛠️ Key Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Rated Voltage** | 220V/230V AC (50/60Hz) |
| **Max Current (Imax)** | 63A (Adjustable range usually 1A-63A) |
| **Overvoltage Protection** | 230V ~ 300V (Default: 270V) |
| **Undervoltage Protection** | 140V ~ 210V (Default: 170V) |
| **Recovery Delay Time** | 1s ~ 500s (Default: 30s) |
| **Installation** | 35mm DIN Rail Mount |
---
### 🧩 Electronic Components & Features
The F2VS-63-R/Q consists of several critical electronic sub-systems that allow it to function as a "smart" circuit breaker:
1. **Microcontroller (MCU) Core:**
Unlike traditional thermal breakers, this device uses a digital processor to sample incoming voltage and current in real-time. This allows for high precision and adjustable threshold settings.
2. **Dual LED Display:**
* **Top Display:** Shows real-time **Voltage (V)**.
* **Bottom Display:** Shows real-time **Current (A)**.
* *Note: In some sub-models, the 'Q' suffix indicates additional measurement functions like kWh (Energy consumption).*
3. **Magnetic Latching Relay:**
The internal switching mechanism is a heavy-duty relay capable of handling up to 63A. It disconnects the load physically when parameters exceed the safety limits.
4. **Auto-Reset Logic:**
One of its primary "electronic" advantages is the automatic recovery feature. Once the power grid stabilizes for a set duration (Recovery Delay), the electronic logic triggers the relay to reconnect power without manual intervention.
---
### ⚠️ Protection Logic
* **Overvoltage:** If $V > Set Point$, the device trips within < 0.1s to prevent PCB damage in connected appliances.
* **Undervoltage:** If $V < Set Point$, the device trips to prevent motor burnout or brownout damage.
* **Overcurrent:** If $I > Set Point$, the device trips to prevent wiring fires or short-circuit damage.
---
### 📝 Wiring Diagram Representation
```text
[ LINE ] [ LOAD ]
(L) ---- [ 1 ] [ 3 ] ---- (L)
(N) ---- [ 2 ] [ 4 ] ---- (N)
| |
[ F2VS-63 ]
```
- ⤷
How do I calibrate the overvoltage threshold on the F2VS-63-R/Q?
- ⤷ What is the difference between the R and Q suffixes in this model series?
- ⤷ Can this device be used for three-phase electrical systems?