F2VS-A0-R
AI

The **F2VS-A0-R** is a specific electronic component within the sensor and safety equipment category, typically associated with industrial automation systems (specifically Omron F2VS series). It is primarily used as a **Vision Sensor System** component, often serving as an interface or controller for visual inspection.
---
### 1. Technical Specifications
The F2VS series is designed for basic vision tasks like pattern matching, presence detection, and positioning. Below are the general technical parameters for this specific part:
| Feature | Specification |
| :--- | :--- |
| **Model** | F2VS-A0-R |
| **Product Category** | Vision Sensor Interface / Controller |
| **I/O Type** | NPN/PNP Configurable (Series dependent) |
| **Supply Voltage** | 24 VDC ± 10% |
| **Connection Type** | Multi-pin connector / Circular Terminal |
| **Mounting** | DIN Rail or Screw Mount |
---
### 2. Key Electronic Components & Subsystems
Internally, the F2VS-A0-R consists of several critical electronic blocks:
* **Microprocessor/DSP:** The "brain" of the unit that processes image data captured by the connected camera head. It executes logic algorithms to determine Pass/Fail status.
* **Image Buffer Memory:** Volatile memory used to store high-speed frame data before processing.
* **Communication Interface:**
* **RS-232C or Ethernet:** Used for transmitting results to a PLC or PC.
* **Trigger Input:** High-speed optoisolated input to initiate image capture.
* **Protection Circuitry:** Built-in safeguards against reverse polarity, overcurrent, and electromagnetic interference (EMI) common in industrial environments.
---
### 3. Functional Pinout/Wiring Overview
While the exact pinout can vary by manufacturing batch, the standard configuration for the F2VS series usually includes:
```yaml
Pin 1: +24V Power Supply
Pin 2: 0V (GND)
Pin 3: Trigger Input (Capture signal)
Pin 4: Control Output (OK/Pass)
Pin 5: Control Output (NG/Fail)
Pin 6: Ground/Shield
```
---
### 4. Typical Applications
The F2VS-A0-R is integrated into production lines for the following purposes:
1. **Label Verification:** Ensuring a label is present and correctly oriented.
2. **Part Counting:** Verifying the number of items in a package via visual confirmation.
3. **Orientation Detection:** Determining if a part is right-side up before a robotic arm picks it up.
- ⤷
What are the compatible camera heads for the F2VS-A0-R?
- ⤷ How do I configure the trigger delay settings for this vision sensor?
- ⤷ What is the difference between the F2VS-A0-R and the F2VS-A1-R models?