Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • F2VS-A1-R

  • AI
    The **F2VS-A1-R** is a specific electronic component belonging to the **F2VS series**, typically identified as a **Vibration Sensor** or **Seismic Sensor** manufactured by companies like **Nidec Copal Electronics** (formerly Fujisoku). These devices are designed to detect acceleration, tilt, or seismic activity. --- ### 1. Component Specifications The "A1-R" suffix denotes specific electrical characteristics and mounting styles. Below are the typical specifications for this electronic part: | Feature | Specification | | :--- | :--- | | **Component Type** | Acceleration/Seismic Sensor (Mechanical/Electronic Hybrid) | | **Detection Method** | Mechanical Ball/Contact or MEMS (depending on sub-series) | | **Contact Rating** | Usually low voltage (e.g., 5V DC - 24V DC) | | **Current Consumption** | Micro-ampere range (Low Power) | | **Mounting Type** | Through-hole (R suffix often indicates Right Angle or specific lead forming) | | **Sensitivity** | Calibrated for seismic waves (Gal units) | --- ### 2. Key Electronic Features The F2VS-A1-R is engineered for reliability in safety-critical power-off scenarios. * **Gold-Plated Contacts:** To ensure high reliability even after long periods of inactivity, the internal switching contacts are usually gold-plated to prevent oxidation. * **Normally Closed (NC) Operation:** Most versions operate as a "normally closed" circuit that opens when a vibration threshold is exceeded, ensuring a "fail-safe" design. * **Internal Damping:** The electronic housing includes mechanical damping to prevent false triggers from high-frequency noise or minor bumps, focusing instead on earthquake-range frequencies. --- ### 3. Pinout and Integration Integration into a PCB typically involves a simple pull-up resistor circuit. ```cpp // Example: Logic for interfacing with a Microcontroller const int sensorPin = 2; // Connected to F2VS-A1-R void setup() { pinMode(sensorPin, INPUT_PULLUP); // Use internal pull-up } void loop() { int status = digitalRead(sensorPin); if (status == HIGH) { // Circuit opened = Vibration/Earthquake detected triggerSafetyShutdown(); } } ``` --- ### 4. Common Applications Due to its high sensitivity to seismic movement, the F2VS-A1-R is commonly found in: 1. **Gas Leak Detectors:** To shut off valves during an earthquake. 2. **Unattended Heaters:** To prevent fires if the unit tips over or experiences tremors. 3. **Industrial Control Panels:** To trigger emergency stops (E-Stop) during structural instability. 4. **Vending Machines:** To prevent theft or damage from shaking.
    ✨ Follow-up Questions
    • ⤷ What is the exact G-force sensitivity threshold for the A1-R model?
    • ⤷ How does the 'R' suffix change the physical mounting compared to the standard model?
    • ⤷ Can this sensor distinguish between a localized shock and a seismic wave?