Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • F2VS-A10-R

  • AI
    The **F2VS-A10-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) High-Speed Varistor** or a **Voltage Suppressor**, often manufactured by companies like FUJI or specialized circuit protection firms. Below is a breakdown of its technical specifications, functions, and physical characteristics. --- ### 1. Technical Specifications The "A10" designation usually refers to the clamping voltage or the energy rating, while the "R" often signifies RoHS compliance or Tape & Reel packaging. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) / Multilayer Varistor (MLV) | | **Package Style** | SMD (Surface Mount Device) | | **Response Time** | < 1 Nanosecond (High Speed) | | **Primary Function** | Transient Voltage Suppression (TVS) | | **Standard** | RoHS Compliant | --- ### 2. Key Electronic Functions The F2VS-A10-R is designed to protect sensitive integrated circuits (ICs) from sudden voltage spikes. * **ESD Protection:** It acts as a shield against Electrostatic Discharge (ESD) from human contact or air discharge. * **Surge Clamping:** When a voltage exceeding the threshold (clamping voltage) occurs, the device's resistance drops sharply, shunting the excess current to the ground. * **Bi-directional Protection:** It typically protects the line against both positive and negative voltage transients. --- ### 3. Physical & Material Composition * **Material:** Usually constructed from a ceramic-based Zinc Oxide (ZnO) material with multilayered electrodes to increase the surface area for energy dissipation. * **Termination:** Silver or Nickel-plated end caps for high-quality soldering on Printed Circuit Boards (PCBs). * **Size:** Generally follows standard EIA footprints (such as 0402, 0603, or 0805 depending on the specific series sub-type). --- ### 4. Common Applications This part is frequently found in high-speed data environments where low capacitance is required to prevent signal distortion: 1. **USB 2.0/3.0 Ports:** Protecting data lines. 2. **HDMI Interfaces:** Preventing surge damage in video equipment. 3. **Mobile Devices:** Protecting battery charging circuits and touch sensors. 4. **Automotive Electronics:** Safeguarding sensors from engine electrical noise. --- ### 5. Circuit Symbol & Integration In a schematic, this part is represented as a varistor (a resistor symbol with a diagonal line and "Z" hooks). It is placed **in parallel** between the signal line and the ground. ```text [Signal Line] -----------+----------- [Protected IC] | [F2VS] <-- Shunts spikes to ground | [Ground] -----------+----------- ```
    ✨ Follow-up Questions
    • ⤷What is the maximum peak surge current for the F2VS-A10-R?
    • ⤷ How does its capacitance affect high-speed data transmission?
    • ⤷ What are the recommended soldering temperature profiles for this SMD component?