F2VS-A12-R
AI

The **F2VS-A12-R** is a specific electronic component within the **SMC F2VS series**, which are high-precision **Flow Sensors** (typically used for air or inert gases). These sensors are designed to monitor flow rates in pneumatic systems to ensure process stability and efficiency.
### 1. Key Technical Specifications
The model code "A12-R" defines the specific electrical and physical parameters of the unit:
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Thermal Mass Flow Sensor |
| **Flow Range** | 0.5 to 12.0 L/min (Standard Range) |
| **Output Type** | Analog Voltage (1 to 5 VDC) |
| **Power Supply** | 12 to 24 VDC |
| **Connection Port** | Typically One-touch fitting or Rc thread (check specific sub-code) |
| **Response Time** | Fast response (approx. 50ms or less) |
---
### 2. Internal Electronic Architecture
The electronics of the F2VS-A12-R are centered around a **Thermal MEMS (Micro-Electro-Mechanical Systems)** chip.
1. **Sensing Element:**
* Consists of a heating element flanked by two temperature sensors (upstream and downstream).
* As air flows over the heater, the temperature distribution changes. The electronic circuit measures this delta to calculate the mass flow.
2. **Signal Conditioning:**
* The raw micro-voltage from the MEMS bridge is amplified and linearized by an internal **ASIC** (Application Specific Integrated Circuit).
* This converts the non-linear thermal signal into a linear **1-5V analog output**.
3. **Protection Circuitry:**
* Includes **Reverse Polarity Protection** to prevent damage if the power leads are swapped.
* **Noise Filtering** to ensure the analog signal is stable even in industrial environments with EMI (Electromagnetic Interference).
---
### 3. Wiring and Pinout (R-type Connector)
The "-R" suffix often refers to the connector type or specific wiring configuration. Below is the standard 3-wire color-coding for these sensors:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | DC (+) | Positive Power Supply (12-24V) |
| **Blue** | DC (-) | Ground (0V) |
| **White/Black** | OUT | Analog Output Signal (1-5V) |
---
### 4. Common Applications
* **Leak Detection:** Detecting minute air leaks in pneumatic lines.
* **Suction Verification:** Confirming that a vacuum component has successfully picked up a part.
* **Purge Gas Monitoring:** Ensuring a constant flow of nitrogen or dry air in sensitive electronic enclosures.
---
- ⤷
What is the pinout configuration for the M8 connector version of this sensor?
- ⤷ How do I calibrate the 1-5V analog signal to a specific flow rate in my PLC?
- ⤷ What are the environmental limitations regarding humidity and temperature for the F2VS-A12-R?