Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • F2VS-A1D-R

  • AI
    The **F2VS-A1D-R** is a specific model within the **F2VS Series** of flow sensors, typically manufactured by companies like **Azbil (formerly Yamatake)**. This device is an electronic vortex flowmeter designed specifically for monitoring the flow of liquids (usually water or pure water) in industrial automation and semiconductor manufacturing. Below is a detailed breakdown of its electronic components, specifications, and interface. --- ### 1. Core Technical Specifications The model name "F2VS-A1D-R" encodes specific electronic and mechanical traits: | Feature | Specification | | :--- | :--- | | **Measurement Principle** | Karman Vortex (Ultrasonic Detection) | | **Fluid Type** | Liquid (Water, Pure Water) | | **Power Supply** | 12 to 24 V DC (±10%) | | **Current Consumption** | 30 mA or less | | **Output Type** | NPN Open Collector (Control Output) | | **Response Time** | Approx. 0.5 to 1.0 seconds | --- ### 2. Electronic Hardware Components The device integrates several key electronic subsystems to convert physical fluid movement into digital signals: #### A. The Ultrasonic Sensor Pair Unlike mechanical flow meters with moving parts, the F2VS uses **ultrasonic transducers**. * **Piezoelectric Element:** A transmitter sends ultrasonic waves across the flow path. * **Receiver:** A receiver catches the waves. When "vortices" (swirls) are created by a bluff body in the liquid, they modulate the ultrasonic signal. #### B. Signal Processing Unit (ASIC/MCU) The internal circuitry filters the noise from the ultrasonic signal and calculates the frequency of the Karman vortices. The frequency is directly proportional to the flow velocity ($f = St \times V / d$). #### C. Output Interface (NPN Open Collector) The "D" in the model suffix usually denotes the output type. * **Switching Output:** It acts as a digital switch (On/Off) based on a predefined flow rate setpoint. * **Protection:** Includes short-circuit and reverse-polarity protection to prevent damage from incorrect wiring. --- ### 3. Wiring Configuration The device typically utilizes a standard 3-wire or 4-wire color-coded cable: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +V (DC) | 12-24V Power Input | | **Blue** | 0V (GND) | Common Ground | | **Black** | Output | NPN Open Collector Signal | | **Pink/White** | Optional/External | Depending on specific sub-revision (Input/Test) | --- ### 4. Key Advantages of the Electronic Design 1. **No Moving Parts:** Because it uses ultrasonic detection of vortices, there is no mechanical wear, leading to a much longer electronic lifespan. 2. **Compact Form Factor:** The electronics are integrated directly into the PPS (Polyphenylene Sulfide) resin body, making it highly resistant to chemical corrosion. 3. **LED Indicators:** Most units feature an integrated LED (usually Red/Green) to indicate power status and output switching states. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure rating for the F2VS-A1D-R?
    • ⤷ How do I calibrate the setpoint for the NPN output?
    • ⤷ Can this sensor be used with corrosive chemicals or only pure water?