F2VS-A5W-R
AI

The **F2VS-A5W-R** is a specific sensor controller or flow sensor unit typically manufactured by **CKD Corporation**. This device is primarily used in industrial automation to monitor and control the flow rate of fluids (usually clean compressed air or nitrogen).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Device Overview
The F2VS series is known for its compact design and high-speed response. The "A5W" designation usually refers to the flow range and output configuration, while the "R" indicates the specific lead wire or connector orientation.
### 2. Electronic Specifications
| Feature | Specification |
| :--- | :--- |
| **Rated Flow Range** | Typically 0.5 to 5.0 L/min (varies by sub-model) |
| **Power Supply Voltage** | 12 to 24 VDC (±10% ripple) |
| **Current Consumption** | $\leq$ 50 mA |
| **Switch Output** | NPN or PNP Open Collector (depending on wiring) |
| **Analog Output** | 1 to 5 VDC or 4 to 20 mA |
| **Response Time** | $\leq$ 50 ms |
| **Protection Class** | IP40 (Indoor use) |
### 3. Key Electronic Components & Functions
* **Mass Flow Sensor Chip:** Unlike mechanical flow meters, this uses a MEMS (Micro-Electro-Mechanical Systems) thermal sensor. It measures the heat transfer from a heated element to the flowing fluid to calculate mass flow.
* **Signal Conditioner:** An internal ASIC (Application-Specific Integrated Circuit) converts the raw thermal sensor data into a linearized voltage or current signal.
* **Dual-Color LED Display:** Provides visual feedback. Usually, green indicates "Within Range" and red indicates "Out of Range" or "Error State."
* **Switching Logic:** Allows the user to set a "Set Point." When the flow exceeds or falls below this point, the transistor output (NPN/PNP) triggers an external PLC (Programmable Logic Controller).
### 4. Wiring and Interface
The unit typically uses a 4-wire or 5-wire lead system:
1. **Brown:** +V (Power Supply)
2. **Blue:** 0V (GND)
3. **Black:** Control Output 1
4. **White:** Analog Output (1-5V) or Control Output 2
---
### 5. Application Integration
In an electronic control loop, the F2VS-A5W-R acts as the **Input Device**.
* **Input:** Physical flow of gas.
* **Process:** Thermal sensing and digital scaling.
* **Output:** A 1-5V analog signal sent to an Analog-to-Digital Converter (ADC) on a PLC, or a digital pulse to a high-speed counter.
- ⤷What is the difference between the NPN and PNP output versions for this sensor?
- ⤷ How do I calibrate the zero-point on the F2VS series?
- ⤷ Can this sensor be used with liquids like water or oil?