F2VS-B3-R
AI

The **F2VS-B3-R** is a specific electronic component, typically categorized as a **Digital Flow Sensor** or a **Flow Controller**, commonly used in industrial automation and fluid management systems. It is part of a series designed to measure and monitor the flow rate of gases or liquids with high precision.
---
### ## Technical Specifications
Below are the primary electronic and physical characteristics of the F2VS-B3-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Digital Flow Sensor / Flow Switch |
| **Sensing Method** | Thermal Mass Flow (typically) |
| **Rated Flow Range** | Dependent on specific gas/liquid calibration (e.g., 0-3 L/min) |
| **Output Type** | PNP/NPN Open Collector (Switch) + Analog Output (1-5V or 4-20mA) |
| **Power Supply** | 12 to 24 VDC |
| **Connection Port** | Rc 1/8 or similar threaded fitting |
| **Display** | Integrated LED or LCD for real-time flow monitoring |
| **Protection Class** | IP40 (typical for indoor industrial use) |
---
### ### Key Electronic Sub-Systems
#### 1. Sensing Element
The core of the F2VS-B3-R utilizes a **MEMS (Micro-Electro-Mechanical Systems)** flow chip. It measures flow by detecting changes in temperature distribution across a heating element as the medium passes over it.
#### 2. Signal Processing
* **A/D Converter:** Converts the analog thermal signal into a digital value for processing.
* **Microcontroller (MCU):** Performs linearization, temperature compensation, and unit conversion (e.g., L/min).
#### 3. Output Interfaces
* **Switching Output:** Provides a digital signal (ON/OFF) based on user-defined setpoints (thresholds). This is used for safety interlocks or process triggering.
* **Analog Output:** Provides a continuous voltage or current signal proportional to the flow rate, allowing for integration with PLCs (Programmable Logic Controllers) or SCADA systems.
---
### ### Typical Application Circuit
When integrating this part into an electronic system, the wiring usually follows this standard:
```mermaid
graph LR
A[Power Supply 24V] --> B[Brown Wire: V+]
C[0V GND] --> D[Blue Wire: V-]
E[PLC Input] --> F[Black Wire: Control Output]
G[Data Logger] --> H[White Wire: Analog Output]
```
---
### ### Use Cases
1. **Semiconductor Manufacturing:** Monitoring the flow of inert gases (Nitrogen, Argon) in etching or deposition chambers.
2. **Pneumatic Systems:** Detecting leaks or verifying tool consumption in automated assembly lines.
3. **Cooling Systems:** Ensuring constant coolant flow to high-power electronic components to prevent overheating.
- ⤷
What are the specific wiring differences between NPN and PNP versions of this sensor?
- ⤷ How do you calibrate the zero-point for the F2VS-B3-R?
- ⤷ What is the maximum pressure rating for this specific flow sensor model?