AI

The **F2VS-C3-R/Q** is a high-performance industrial vision sensor part, typically associated with the **Omron F2VS series**. These sensors are designed for high-speed inspection, positioning, and character recognition in automated production lines.
Below is a breakdown of its electronic components, specifications, and features.
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Series** | Omron F2VS Smart Vision Sensor |
| **Model Variation** | C3 (Color/Monochrome capabilities depending on exact config) |
| **Output Type** | R/Q (NPN/PNP Configurable or Relay/Transistor logic) |
| **Power Supply** | 24 VDC ±10% |
| **Processing Speed** | High-speed internal DSP (Digital Signal Processor) |
---
### 2. Core Electronic Components
The device consists of several critical electronic subsystems:
#### A. Imaging Sensor (CMOS/CCD)
* **Resolution:** Typically VGA (640x480) or higher, optimized for high frame rates.
* **Global Shutter:** Uses an electronic global shutter to prevent image distortion when capturing moving objects on a conveyor belt.
#### B. Digital Signal Processor (DSP)
* The "brain" of the unit. It performs real-time image analysis, such as:
* **Edge Detection:** Finding the boundaries of parts.
* **Pattern Matching:** Comparing the captured image against a stored template.
* **OCV/OCR:** Optical Character Verification/Recognition.
#### C. I/O Interface (Input/Output)
* **Trigger Input:** A high-speed optoisolated input that tells the camera exactly when to take a picture (usually connected to a proximity sensor).
* **Digital Outputs:** Multiple outputs used to signal "Pass" (OK) or "Fail" (NG) to a PLC (Programmable Logic Controller).
#### D. Communication Ports
* **RS-232C / Ethernet:** Used for transmitting data results to a PC or HMI and for remote configuration.
---
### 3. Connection Interface
The "R/Q" suffix usually refers to the wiring and output configuration.
| Component | Function |
| :--- | :--- |
| **Power Terminals** | Connection for 24V DC industrial power. |
| **Strobe Output** | Electronic signal to trigger external LED lighting in sync with the shutter. |
| **Status LEDs** | Onboard indicators for Power, Run, Error, and Output status. |
---
### 4. Application Logic
The internal electronics are programmed to handle specific vision tasks through a proprietary OS:
1. **Image Capture:** The sensor triggers based on an external electronic pulse.
2. **Preprocessing:** Filters (noise reduction, brightness compensation) are applied.
3. **Measurement:** The DSP calculates dimensions or presence/absence.
4. **Logic Out:** The transistor switches (NPN/PNP) change state based on the result.
- ⤷
What are the specific wiring differences between the R and Q versions?
- ⤷ How do I configure the trigger delay in the F2VS software?
- ⤷ What type of external lighting is compatible with the F2VS-C3 strobe output?