F2VS-F3-R/Q
AI

The **F2VS-F3-R/Q** is a specific model within the **F2VS series** of vision sensors (often associated with industrial automation brands like Omron). These devices are compact, all-in-one vision systems designed for inspection, positioning, and quality control on production lines.
Below is a breakdown of its electronic components and technical specifications.
---
### 1. Technical Specifications
The "R/Q" suffix typically denotes specific output configurations (NPN/PNP) or high-speed variants.
| Feature | Specification |
| :--- | :--- |
| **Image Element** | CMOS / CCD Image Sensor (Model dependent) |
| **Resolution** | Standard Resolution (typically 640 x 480 pixels) |
| **Processing Power** | Integrated DSP (Digital Signal Processor) |
| **Power Supply** | 20.4 to 26.4 VDC |
| **Current Consumption** | Approx. 0.5A to 1.0A max |
| **I/O Type** | Parallel (NPN/PNP selectable or fixed) |
| **Housing Material** | Aluminum die-cast / ABS Plastic |
---
### 2. Key Electronic Components
#### A. Sensing and Imaging
* **Optics:** Features a built-in lens system. The F3 variant usually refers to a specific field of view (FOV) or focal length.
* **Illumination:** Integrated LED ring light. This ensures consistent exposure without needing external strobes for standard applications.
#### B. Processing and Logic
* **Embedded Processor:** Uses a dedicated vision processor to handle edge detection, pattern matching, and area calculations locally.
* **Memory:** Non-volatile internal memory stores up to 8-16 separate "scenes" or inspection programs.
#### C. Interface and Connectivity
* **M12 Connectors:** Robust circular connectors for power and I/O to ensure EMI/RFI shielding in industrial environments.
* **Digital I/O:**
* **Inputs:** Trigger (starts the inspection), Bank selection (changes the program).
* **Outputs:** OR (Overall Result), PASS/FAIL, BUSY, and ERROR signals.
* **Console Port:** A dedicated port for a handheld programmer or a PC-based setup tool.
---
### 3. Wiring Configuration (General)
The electronics are designed to interface directly with PLCs (Programmable Logic Controllers).
```mermaid
graph LR
A[Power 24VDC] --> B[F2VS Sensor]
C[Photoelectric Trigger] --> B
B --> D[PLC Input - PASS]
B --> E[PLC Input - FAIL]
B --> F[Reject Arm/Actuator]
```
---
### 4. Distinctive Features of the "R/Q" Series
* **F2VS-F3-R:** Usually features a standard NPN/PNP output and is designed for general-purpose high-speed inspection.
* **F2VS-F3-Q:** Often indicates a "Quick" or high-speed shutter version, designed to capture images of fast-moving objects without motion blur.
- ⤷
What are the specific wiring pinouts for the M12 connector on this model?
- ⤷ How do I configure the pattern matching settings using the handheld console?
- ⤷ What is the maximum trigger frequency supported by the F2VS-F3-Q?