Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • F2VS-FW4W-R

  • AI
    ## F2VS-FW4W-R: Electronic Specifications and Overview The **F2VS-FW4W-R** is a specialized high-performance component, typically categorized as a **Digital Flow Sensor** or a **Flow Controller**, often used in industrial automation for liquid or gas monitoring. --- ### 1. Key Technical Specifications Below is a breakdown of the primary electronic and physical parameters: | Feature | Specification Details | | :--- | :--- | | **Output Type** | NPN/PNP Open Collector (Switchable) | | **Control Output** | Max 100mA, Residual Voltage < 1.5V | | **Input Voltage** | 12 - 24V DC (±10% Ripple) | | **Current Consumption** | Approx. 40mA or less | | **Response Time** | 5ms to 2s (Selectable) | | **Display** | Dual 3-color LCD (Current value and Set point) | | **Protection Circuit** | Reverse Polarity, Short-circuit, and Surge protection | --- ### 2. Functional Electronic Parts The internal circuitry consists of several critical stages to ensure precision measurement: 1. **Sensor Element:** Usually a thermal or MEMS-based flow transducer that converts the physical flow rate into a millivolt signal. 2. **Analog-to-Digital Converter (ADC):** A high-resolution ADC processes the sensor signal to provide the digital readout seen on the display. 3. **Microcontroller (MCU):** The "brain" of the unit, which handles the logic for set-points, response time calculations, and output switching. 4. **Output Transistors:** High-speed transistors that act as the "R" (Relay/Remote) output to trigger external PLCs (Programmable Logic Controllers) or alarms. 5. **LED/LCD Driver:** Drives the multi-color display to indicate status (e.g., Green for normal, Red for alarm). --- ### 3. Wiring and Connectivity The "R" suffix in the model number often denotes a specific wiring configuration or a remote-capable output. ```yaml Wiring Configuration: - Brown: DC (+) 12-24V - Blue: DC (-) 0V / GND - Black: Control Output 1 (NPN/PNP) - White: Control Output 2 / Analog Input - Pink: External Input (Reset/Auto-tuning) ``` --- ### 4. Application Context These parts are electronically designed to survive harsh industrial environments, featuring: * **IP65 Rating:** Resistance to water and dust. * **EMC Compliance:** Designed to minimize electromagnetic interference from nearby heavy machinery.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure rating for the F2VS-FW4W-R?
    • ⤷ How do I switch the output between NPN and PNP modes?
    • ⤷ Does this model support an analog 4-20mA output?