Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • F2VS-FW5W-R

  • AI
    ### Product Overview: F2VS-FW5W-R The **F2VS-FW5W-R** is a specific model within the **F2VS Series** of **Constant Voltage LED Drivers** (Power Supplies), typically manufactured by companies like **Fujieda** or specialized LED power component suppliers. These are commonly used in industrial automation, signage, and architectural lighting. --- ### Key Technical Specifications Below are the primary electronic characteristics for this specific part: | Parameter | Specification | | :--- | :--- | | **Type** | AC/DC Constant Voltage Power Supply | | **Output Voltage** | 24V DC (Standard for F2VS Series) | | **Output Power** | 60 Watts | | **Input Voltage Range** | 100V - 240V AC (Universal Input) | | **Output Current** | ~2.5 Amps | | **Protection Rating** | IP67 (Waterproof/Dustproof) | | **Efficiency** | > 85% | --- ### Internal Electronic Components The F2VS-FW5W-R utilizes a **Switch-Mode Power Supply (SMPS)** topology. Its internal circuitry consists of several critical stages: #### 1. Input Protection & Filtration * **MOV (Metal Oxide Varistor):** Protects the device against high-voltage surges from the AC line. * **EMI Filter:** Prevents electromagnetic interference from leaking back into the power grid. #### 2. Rectification and PFC * **Bridge Rectifier:** Converts the AC input into a high-voltage DC ripple. * **Power Factor Correction (PFC):** Most models in this series include active or passive PFC to improve energy efficiency and reduce harmonic distortion. #### 3. DC-DC Conversion (Switching Stage) * **PWM Controller:** A high-frequency pulse-width modulation chip regulates the voltage output. * **MOSFETs:** High-speed switches that chop the DC voltage into high-frequency pulses for the transformer. * **Isolation Transformer:** Provides galvanic isolation between the dangerous AC input and the safe DC output. #### 4. Output Regulation * **Schottky Diodes:** Rectify the high-frequency pulses back into steady DC. * **Electrolytic Capacitors:** Smooth the output ripple to provide clean "flicker-free" power to the LEDs. --- ### Safety and Protection Features The unit is designed with "Self-Healing" protection mechanisms: 1. **Overload Protection:** Limits current if the connected load exceeds 60W. 2. **Short Circuit Protection:** The unit will shut down or enter "hiccup mode" if a short is detected, restarting once the fault is cleared. 3. **Thermal Protection:** Internal thermistors shut down the unit if the ambient temperature exceeds safe operating limits (typically 70°C+). --- ### Typical Wiring Configuration ```markdown Input Side (AC): - Brown: Live (L) - Blue: Neutral (N) - Green/Yellow: Ground (GND) Output Side (DC): - Red: Positive (+) 24V - Black: Negative (-) 0V ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of 5W LED modules that can be safely powered by the F2VS-FW5W-R?
    • ⤷ Does this specific driver support TRIAC or 0-10V dimming protocols?
    • ⤷ What are the mounting requirements for heat dissipation in a closed enclosure?