Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • F2VS-G1-R

  • AI
    The **F2VS-G1-R** is a specialized electronic component, primarily recognized as a **Flow Sensor** (or Flow Switch) often utilized in industrial cooling systems, semiconductor manufacturing equipment, and liquid management systems. Below is a detailed breakdown of its electronic parts and technical specifications. --- ### 1. Key Technical Specifications The device is designed to monitor the flow of liquids (typically water or coolant) and provide an electrical output based on flow velocity. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Thermal Flow Sensor / Flow Switch | | **Operating Voltage** | 12 to 24V DC | | **Current Consumption** | Max 50mA | | **Output Type** | NPN Open Collector (Control Output) | | **Response Time** | Approx. 1.0s to 2.0s | | **Flow Range** | Generally calibrated for low-flow detection (varies by sub-model) | | **Indicator** | LED status indicators (Power/Output) | --- ### 2. Internal Electronic Parts & Architecture The F2VS-G1-R operates using **Thermal Dispersion Technology**. Unlike mechanical paddle switches, it has no moving parts, which increases longevity. #### A. Sensing Element (The Probe) The probe contains two main electronic components: 1. **Heating Element:** A precision resistor that generates a constant amount of heat. 2. **Temperature Sensor (RTD/Thermistor):** Measures the temperature at the tip. * *How it works:* When liquid flows, it carries heat away from the probe. The electronics measure the temperature difference to calculate the flow rate. #### B. Signal Processing Circuitry * **Comparator/Operational Amplifier:** Compares the analog voltage from the temperature sensor against a predefined "set point." * **Potentiometer:** A small trim-pot (usually located under a cap) used to manually adjust the flow sensitivity or threshold. * **Microcontroller/Logic Gate:** Processes the signal to determine if the flow is above or below the limit. #### C. Output Interface * **NPN Transistor:** Acts as the switch. When the flow drops below the set point, the transistor "closes" the circuit to ground, signaling a PLC (Programmable Logic Controller) or an alarm. * **Protection Diodes:** Includes reverse polarity protection and surge suppression to protect the internal circuitry from wiring errors. --- ### 3. Wiring Configuration The F2VS-G1-R typically follows a standard industrial 3-wire color code: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC (+) | Connects to +12V or +24V DC Power Supply | | **Blue** | GND (-) | Connects to 0V / Common | | **Black** | Output | NPN Signal (connects to load or PLC input) | --- ### 4. Applications * **Chiller Units:** Ensuring coolant is moving before activating high-power lasers or spindles. * **Pump Protection:** Preventing "dry running" by detecting when liquid is no longer present in the pipe. * **Semiconductor Tools:** Precision monitoring of deionized water flow.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the sensitivity on the F2VS-G1-R?
    • ⤷ What are the common failure modes for thermal flow sensors?
    • ⤷ Can this sensor be used with liquids other than water?