F2VS-H1-R
AI

The **F2VS-H1-R** is a specific model of a **Vision Sensor** or **Smart Camera**, typically manufactured by companies like **OMRON** or within specialized industrial automation series. It is designed for high-speed inspection and automated quality control on production lines.
Below is the breakdown of its electronic components and technical specifications.
---
### 1. Key Technical Specifications
The electronics of the F2VS-H1-R are optimized for image processing and high-speed data transmission.
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Monochrome CMOS / CCD (depending on revision) |
| **Resolution** | Standard Resolution (typically VGA or 0.3 MP for high speed) |
| **Interface** | RS-232C / Ethernet (via controller) |
| **Output Type** | NPN / PNP (Depending on wiring configuration) |
| **Power Supply** | 24V DC (Standard industrial voltage) |
| **Processing Speed** | High-speed sampling (e.g., 500–1000 frames per minute) |
---
### 2. Core Electronic Modules
The device consists of three primary internal electronic systems:
#### A. The Imaging Engine
* **Photosensitive Array:** Converts incoming light into electrical signals.
* **Analog-to-Digital Converter (ADC):** Translates the raw electrical charges from the sensor into digital pixel values for the processor.
#### B. The Logic and Processing Unit
* **DSP/FPGA:** Most F2VS units utilize a Field Programmable Gate Array (FPGA) or a high-speed Digital Signal Processor to handle pattern matching, edge detection, and measurement calculations in real-time.
* **Internal Memory:** Stores the "Gold Master" image and the inspection parameters defined by the user.
#### C. Input/Output (I/O) Circuitry
* **Trigger Circuit:** Receives an external 24V signal (from a PLC or photoelectric sensor) to capture an image.
* **Switching Outputs:** Uses opto-isolators to safely send "Pass" or "Fail" signals to the manufacturing line without electrical interference.
---
### 3. Connection Pinout (General)
The F2VS-H1-R usually connects via a multi-pin circular connector. Typical electronic wiring includes:
1. **Brown:** +24V DC Power
2. **Blue:** 0V (Ground)
3. **Black:** Control Output (Pass/Fail)
4. **Pink:** Trigger Input
5. **Shield:** Functional Ground
---
### 4. Implementation Example (Basic Logic)
In a typical setup, the electronic logic follows this flow:
```python
# Conceptual logic inside the F2VS-H1-R Processor
if trigger_input == HIGH:
image = capture_frame()
result = compare_to_template(image)
if result > threshold:
set_output(PIN_OK, HIGH)
else:
set_output(PIN_NG, HIGH)
```
---
- ⤷
What is the compatible controller model for the F2VS-H1-R?
- ⤷ Does this model support color detection or is it monochrome only?
- ⤷ How do I wire the NPN/PNP outputs to a Siemens or Allen-Bradley PLC?