F2VS-H3-R
AI

### Overview of F2VS-H3-R
The **F2VS-H3-R** is a specialized electronic component, typically associated with industrial automation and sensing technology. It is a high-precision, fiber-optic sensor amplifier or a similar optoelectronic control unit often used in manufacturing lines for object detection.
---
### Technical Specifications
The device is designed for high-speed response and stability in harsh environments. Below are the primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Output Type** | NPN / PNP (Open Collector) |
| **Response Time** | High-speed (typically < 200μs) |
| **Power Supply** | 12 - 24V DC |
| **Current Consumption** | Approx. 30mA - 45mA |
| **Light Source** | Red LED (visible) or Infrared |
| **Mounting Type** | DIN Rail Mounting |
---
### Core Electronic Components
The internal circuitry of the F2VS-H3-R consists of several critical functional blocks:
#### 1. Signal Processing Circuit
* **Comparator/Schmitt Trigger:** Used to convert the analog voltage from the photo-diode into a clean digital "ON/OFF" signal.
* **Threshold Adjustment:** Features a potentiometer or digital buttons to set the sensitivity level, allowing it to distinguish between background noise and the target object.
#### 2. Optical Interface
* **Emitter Driver:** A pulsed current driver that oscillates the LED. Pulsing the light source helps the sensor ignore ambient room lighting (interference).
* **Receiver (Phototransistor):** Captures the returned light from the fiber optic cable and converts it into a low-level electrical current.
#### 3. Output Protection
* **Short-Circuit Protection:** Prevents damage to the internal transistors if the load is wired incorrectly.
* **Reverse Polarity Protection:** Protects the unit if the $V_{cc}$ and $GND$ wires are swapped.
---
### Wiring Configuration
Standard wiring for this type of industrial sensor usually follows a 3-wire or 4-wire color code:
```yaml
Brown: +V (12-24V DC)
Blue: 0V (GND)
Black: Control Output (Load)
White: Stability / Mode Selection (Optional)
```
---
### Key Applications
1. **Small Part Detection:** Finding tiny components on a conveyor belt.
2. **Edge Sensing:** Ensuring material alignment in printing or textile machines.
3. **Presence/Absence:** Checking if a cap is present on a bottle or a lead is present on a PCB.
- ⤷
What is the maximum sensing distance for the F2VS-H3-R when using standard fiber optics?
- ⤷ How do I toggle between Light-ON and Dark-ON modes on this device?
- ⤷ Is there a specific DIN rail mounting bracket required for this model?