AI

The **F2VS-KB-R/K** is a specific electronic component typically associated with high-precision pressure measurement and sensing systems. Based on industrial part numbering conventions, this part belongs to the **F2VS Series** of pressure sensors or transmitters, often used in semiconductor manufacturing and high-purity gas delivery systems.
### 1. Component Overview
The F2VS series consists of high-performance electronic pressure transducers. The suffix letters (KB, R, K) define the specific electrical output, connector type, and pressure range.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Electronic Pressure Transducer / Sensor |
| **Measurement Principle** | Strain Gauge or Capacitive Sensing |
| **Common Application** | Semiconductor Gas Panels, Cleanroom environments |
| **Output Signal** | Analog (Voltage or Current) |
| **Medium** | High-purity gases or corrosive liquids |
---
### 2. Breakdown of the Model Name
While specific manufacturer codes vary slightly (often linked to companies like **Nagano Keiki** or **Fujikin**), the electronic architecture follows this logic:
* **F2VS:** The base series designation (Standard Vacuum/Pressure Sensor).
* **KB:** Likely refers to the **Electrical Interface** or the specific bridge circuit used for temperature compensation.
* **R:** Usually indicates **Reference Pressure** type (e.g., Gauge pressure vs. Absolute pressure).
* **K:** Typically a code for the **Connector Type** (e.g., M12 connector or specific Hirose pin configuration).
---
### 3. Electronic Architecture
Inside the F2VS-KB-R/K, several key electronic stages process the physical pressure signal into a usable electronic value:
#### A. Sensing Element
The core is a diaphragm with an integrated bridge circuit. When pressure is applied, the resistance changes (piezoresistive effect), creating a millivolt-level signal.
#### B. Signal Conditioning (ASIC)
The internal electronics include an Application Specific Integrated Circuit (ASIC) that performs:
* **Amplification:** Boosting the weak bridge signal.
* **Temperature Compensation:** Correcting for thermal drift so the sensor remains accurate in different temperatures.
* **Linearization:** Ensuring the output voltage/current is perfectly proportional to the pressure.
#### C. Output Stage
The "R/K" configuration usually dictates the final output. Most industrial versions provide:
* **0–5 VDC** or **4–20 mA** output.
* Built-in protection against reverse polarity and short circuits.
---
### 4. Technical Specifications Table
| Parameter | Typical Value |
| :--- | :--- |
| **Supply Voltage** | 12 - 24V DC |
| **Accuracy** | ±0.25% to ±0.5% Full Scale |
| **Response Time** | < 10ms |
| **Circuit Protection** | Overvoltage and ESD protection |
| **Wetted Materials** | Stainless Steel 316L / Hastelloy (for electronic durability) |
---
- ⤷What is the specific pinout configuration for the K-type connector?
- ⤷ Does this model support digital communication like RS-485 or only analog?
- ⤷ What is the maximum pressure range supported by the F2VS series?