Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • F6406-S08-R

  • AI
    The **F6406-S08-R** is an electronic component primarily classified as a **Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). It is commonly used in power management circuits, DC-DC converters, and motor control applications due to its high efficiency and compact surface-mount design. --- ### 1. Technical Specifications Below are the key electrical characteristics typically associated with the F6406 series in an SOP-8 package: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | N-Channel MOSFET | Logic-level enhancement mode | | **Package Type** | SOP-8 | Small Outline Package (8 pins) | | **Drain-Source Voltage ($V_{DSS}$)** | 30V - 60V (Typ.) | Maximum voltage across drain/source | | **Continuous Drain Current ($I_D$)** | 6A - 10A | Maximum current at specific temp | | **RDS(on)** | Low (mΩ range) | Resistance when the gate is fully ON | | **Mounting Type** | SMD/SMT | Surface Mount Technology | --- ### 2. Pin Configuration (SOP-8) In a standard SOP-8 MOSFET configuration, the pins are usually assigned as follows to manage heat and current flow: 1. **Source (S)** 2. **Source (S)** 3. **Source (S)** 4. **Gate (G)**: Controls the switching of the MOSFET. 5. **Drain (D)** 6. **Drain (D)** 7. **Drain (D)** 8. **Drain (D)** *Note: Pins 5-8 are often connected internally to provide a larger surface area for heat dissipation.* --- ### 3. Key Features * **Low On-Resistance:** Reduces power loss during operation, improving overall system efficiency. * **Fast Switching speed:** Suitable for high-frequency PWM (Pulse Width Modulation) applications. * **Small Footprint:** The SOP-8 package allows for high-density PCB layouts. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with environmental standards (Restriction of Hazardous Substances) and "Tape & Reel" packaging. --- ### 4. Common Applications * **Battery Protection:** Used in BMS (Battery Management Systems) to cut off power during faults. * **Load Switching:** Acting as a digital switch for high-current peripherals. * **LED Drivers:** Controlling the brightness and power delivery to LED arrays. * **Power Supplies:** Serving as the switching element in buck or boost converters. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact drain-source voltage (Vdss) rating for the F6406-S08-R from your specific datasheet?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
    • ⤷ What are the recommended thermal management practices for an SOP-8 power MOSFET?