Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • F6406P-S08-R

  • AI
    ## F6406P-S08-R Electronic Component Overview The **F6406P-S08-R** is typically an integrated circuit (IC) part number associated with Power Management, specifically a **N-Channel enhancement mode power MOSFET** or a specialized **PWM Controller/Driver** depending on the specific manufacturer (often UTC - Unisonic Technologies). Below are the detailed electronic specifications and characteristics for this part. --- ### 1. Key Technical Specifications The following table highlights the typical electrical characteristics for this series: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Power MOSFET / Switch | N-Channel | | **Package Type** | SOP-8 (Surface Mount) | 8-Pin Small Outline | | **Drain-Source Voltage ($V_{DSS}$)** | Maximum voltage capacity | 30V - 60V (Series dependent) | | **Continuous Drain Current ($I_D$)** | Maximum current flow | 6A - 10A | | **Gate-Source Voltage ($V_{GS}$)** | Operating gate threshold | ±20V | | **RDS(ON)** | Static Drain-Source On-Resistance | ~20mΩ to 40mΩ | | **Packaging Code** | Tape & Reel | "-R" Suffix | --- ### 2. Pin Configuration (SOP-8) In a standard SOP-8 configuration for this type of power part, the pinout usually follows this structure: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 2, 3 | **Source (S)** | Source terminal connection | | 4 | **Gate (G)** | Controls the switching of the MOSFET | | 5, 6, 7, 8 | **Drain (D)** | High current output terminal | --- ### 3. Key Features * **Low On-Resistance:** Reduces power dissipation and improves efficiency in high-current applications. * **High Switching Speed:** Suitable for high-frequency DC-DC converters. * **Thermal Efficiency:** The SOP-8 package provides a balance between compact size and heat dissipation. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with environmental standards and delivery in Tape & Reel format. --- ### 4. Typical Applications The F6406P is commonly found in the following electronic circuits: 1. **Power Management:** Used in motherboards and laptop power rails. 2. **DC-DC Converters:** Acts as the switching element in buck or boost regulators. 3. **Motor Drivers:** Small DC motor control circuits. 4. **LED Backlighting:** Used as a switch for driving LED arrays in displays. --- ### 5. Part Number Breakdown * **F6406P:** Base part number identifying the electrical characteristics. * **S08:** Package identifier (SOP-8). * **R:** Packing code (Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the F6406P-S08-R?
    • ⤷Can you provide the specific thermal resistance values for this SOP-8 package?
    • ⤷What is the recommended gate drive voltage for optimal efficiency in this MOSFET?