FAN-7002H-R
AI

The **FAN-7002H-R** is a specific fan assembly typically used in server rack environments, most notably associated with Cisco Nexus series switches (like the Nexus 7000 series).
Below is a detailed breakdown of its electronic components, specifications, and architecture.
---
### 1. Technical Specifications
This unit is a high-performance, hot-swappable fan tray designed for mission-critical cooling.
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 12V DC (Nominal) |
| **Max Current** | Variable based on RPM (High-draw during boot) |
| **Airflow Direction** | Front-to-Back (Port-side Exhaust) |
| **Hot Swappable** | Yes |
| **Compatibility** | Cisco Nexus 7002 Chassis |
| **Redundancy** | N+1 Internal Fan Redundancy |
---
### 2. Key Electronic Components
The assembly is not just a plastic housing; it contains several sophisticated electronic layers:
#### A. DC Brushless Motors (BLDC)
* **Commutation:** Uses electronic commutation instead of brushes, reducing mechanical wear and electrical noise.
* **Bearings:** Typically utilizes dual-ball bearings for a high Mean Time Between Failures (MTBF).
* **Stator/Rotor:** Permanent magnet rotor with a multi-pole stator coil configuration.
#### B. Control PCB (Printed Circuit Board)
Every FAN-7002H-R contains an internal logic board that manages:
* **PWM (Pulse Width Modulation):** Receives signals from the chassis supervisor engine to adjust speed based on thermal sensors.
* **Tachometer Output:** Sends a "Tach" signal back to the system to monitor actual RPM.
* **I2C / EEPROM:** Contains an identification chip that tells the switch the part number, serial number, and power requirements upon insertion.
#### C. Status Indicators (LEDs)
* **Status LED:** A bi-color LED (Green/Amber).
* *Green:* Normal operation.
* *Amber:* Fan failure or individual motor stall detected.
---
### 3. Pinout & Interconnect
The fan tray connects to the backplane via a high-density blind-mate connector. The wiring logic generally follows this structure:
```cpp
// Logic-level representation of the Connector Pins
Pin 1: VCC (+12V Power)
Pin 2: GND (Return)
Pin 3: PWM Control (Speed Input)
Pin 4: Tachometer (Speed Feedback)
Pin 5: Presence (Ground link to notify system of insertion)
Pin 6: I2C Data (SDA/SCL for FRU inventory data)
```
---
### 4. Advanced Features
* **Soft Start Logic:** To prevent high inrush current that could trip the power supply, the internal electronics ramp the motors up slowly.
* **Locked Rotor Protection:** If an object obstructs the blades, the controller cuts power to the motor to prevent the coils from burning out.
- ⤷
What are the common failure symptoms for the FAN-7002H-R?
- ⤷ How do I check the fan status via the Cisco NX-OS command line?
- ⤷ Is the FAN-7002H-R interchangeable with the FAN-7002H-B?