FAP-55-R/Q
AI

The **FAP-55-R/Q** series refers to specific high-performance **Fiber-Coupled Diode Laser Modules** manufactured by Coherent. These modules are widely used in industrial, medical, and scientific applications due to their high power output and reliability.
### 1. Core Electronic & Physical Components
The FAP (Fiber Array Package) system is designed to provide high-density optical power through a single fiber output. Below are the primary electronic and optical parts:
| Component | Function |
| :--- | :--- |
| **Laser Diode Bar** | The primary semiconductor engine that generates light (typically 800nm-980nm range). |
| **Thermistor** | An internal temperature-sensitive resistor (NTC) used to monitor the module's heat. |
| **Photodiode (Monitor)** | A sensor that tracks back-reflection or output power to ensure stability. |
| **Fiber Coupler** | Precision optics that focus the light from the diode bar into the delivery fiber. |
| **SMA 905 Connector** | The standard electronic/optical interface for the fiber output. |
---
### 2. Technical Specifications (Typical)
The "R" and "Q" designations often refer to specific revisions or power ratings within the 55W class.
* **Operating Current ($I_{op}$):** Typically ranges from **45A to 65A**.
* **Threshold Current ($I_{th}$):** Approximately **8A to 12A**.
* **Operating Voltage ($V_{op}$):** Low voltage, usually **< 2.2V**.
* **Wavelengths:** Commonly 808nm (for DPSS pumping) or 976nm/980nm.
---
### 3. Critical Operation Requirements
To prevent damage to the electronic components of the FAP-55, specific electronic controls must be in place:
#### A. Constant Current Driver
The laser must be driven by a **regulated DC constant current source**. Because laser diodes are sensitive to voltage spikes, using a standard voltage-regulated power supply will destroy the internal diode bar.
#### B. Thermal Management (TEC)
The module generates significant heat. It must be mounted on a **Thermoelectric Cooler (TEC)** or a water-cooled chill plate.
* **Standard Temperature:** 25°C.
* **Wavelength Shifting:** The output wavelength shifts by approximately **0.3nm per °C**. Precise temperature control is required for frequency-sensitive applications.
#### C. ESD Protection
The FAP-55-R/Q is extremely sensitive to **Electrostatic Discharge (ESD)**. When handling the pins:
* Use grounded wrist straps.
* Short the pins together when the module is not in use.
---
### 4. Connection Pinout Example
While configurations can vary, most FAP modules utilize a multi-pin layout:
1. **Laser Anode (+)**: High current input.
2. **Laser Cathode (-)**: High current return.
3. **Thermistor Pins**: Two pins for measuring resistance ($10k\Omega$ at 25°C typically).
4. **Monitor Photodiode**: Used for feedback loops (APC - Automatic Power Control).
- ⤷
What is the pinout configuration for the FAP-55-R thermistor?
- ⤷ How do I calculate the cooling requirements for a 55W laser module?
- ⤷ Can the FAP-55-R be used for pulse-width modulation (PWM)?