Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FAS-D0-R

  • AI
    The **FAS-D0-R** is an industrial-grade digital output module, commonly utilized within Distributed Control Systems (DCS) and Programmable Logic Controller (PLC) architectures. It is designed to interface between low-power control logic and high-power field devices. ### 1. Technical Specifications Overview The electronic design focuses on high-density switching and electrical isolation. | Feature | Specification | | :--- | :--- | | **Output Type** | Relay Contact (Dry Contact) | | **Channel Density** | Typically 8 or 16 Channels | | **Switching Voltage** | 24V DC / 250V AC (max) | | **Switching Current** | Up to 2A per channel (load dependent) | | **Isolation** | Optocoupler & Galvanic Isolation | | **Response Time** | < 10ms (On) / < 12ms (Off) | --- ### 2. Core Electronic Components #### A. Digital Isolation Layer To protect the main CPU and backplane from electrical noise or surges on the field side, the module uses **Optocouplers**. These convert electrical signals into light and back into electrical signals, ensuring no direct physical connection exists between the logic circuit and the output relays. #### B. Relay Matrix The "R" in the model name stands for **Relay**. Unlike transistor outputs (which only handle DC), the mechanical relays in this module allow for: * **Voltage Flexibility:** Switching both AC and DC loads. * **Zero Leakage:** Physical separation of contacts when open. * **High Inrush Handling:** Better resilience against motor start-up currents. #### C. Protective Circuitry * **Snubber Circuits:** Often included to suppress electromagnetic interference (EMI) and protect the relay contacts from "arcing" when switching inductive loads (like solenoids). * **Status LEDs:** Surface-mounted diodes (SMDs) provide visual diagnostic feedback for each channel's state. #### D. Backplane Interface The module features a high-pin-count connector (often a DIN-standard connector) that handles: * **Addressing Logic:** Determining which module the CPU is talking to. * **Power Rail:** Drawing 5V or 12V DC logic power from the rack. --- ### 3. Application Use Cases Because the FAS-D0-R uses mechanical relays, it is preferred for: 1. **Interposing Logic:** Sending start/stop signals to Motor Control Centers (MCC). 2. **Solenoid Control:** Operating pneumatic or hydraulic valves. 3. **Alarm Annunciation:** Triggering external sirens or beacons.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between FAS-D0-R relay outputs and FAS-D0-T transistor outputs?
    • ⤷ How do you wire a 24V DC inductive load to this module to prevent contact wear?
    • ⤷ What is the expected mechanical lifespan of the relays in this specific module?